Electronic Components Datasheet Search
  English  ▼

X  

3681 Datasheet(PDF) 9 Page - Linear Technology

Part # 3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3681 Datasheet(HTML) 9 Page - Linear Technology

Back Button 3681 Datasheet HTML 5Page - Linear Technology 3681 Datasheet HTML 6Page - Linear Technology 3681 Datasheet HTML 7Page - Linear Technology 3681 Datasheet HTML 8Page - Linear Technology 3681 Datasheet HTML 9Page - Linear Technology 3681 Datasheet HTML 10Page - Linear Technology 3681 Datasheet HTML 11Page - Linear Technology 3681 Datasheet HTML 12Page - Linear Technology 3681 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT3681
9
3681f
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1% resis-
tors according to:
RR
VOUT
12
1 265
1
= ⎛
⎝⎜
⎞
⎠⎟
.
–
Reference designators refer to the Block Diagram.
Setting the Switching Frequency
The LT3681 uses a constant frequency PWM architecture
that can be programmed to switch from 300kHz to 2.8MHz
by using a resistor tied from the RT pin to ground. A table
showing the necessary RT value for a desired switching
frequency is in Figure 1.
SWITCHING FREQUENCY (MHz)
RT VALUE (kΩ)
0.3
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
187
133
84.5
60.4
45.3
36.5
29.4
23.7
20.5
16.9
14.3
12.1
10.2
8.66
Operating Frequency Tradeoffs
Selection of the operating frequency is a tradeoff between
efficiency, component size, minimum dropout voltage, and
maximum input voltage. The advantage of high frequency
operation is that smaller inductor and capacitor values may
be used. The disadvantages are lower efficiency, lower
maximum input voltage, and higher dropout voltage. The
highest acceptable switching frequency (fSW(MAX)) for a
given application can be calculated as follows:
f
VV
tV
V
V
SW MAX
D
OUT
ON MIN
DIN
SW
()
()
=
+
+
()
–
where VIN is the typical input voltage, VOUT is the out-
put voltage, VD is the power Schottky catch diode drop
(~0.55V), VSW is the internal switch drop (~0.5V at max
load). This equation shows that slower switching frequency
is necessary to safely accommodate high VIN/VOUT ratio.
Also, as shown in the next section, lower frequency al-
lows a lower dropout voltage. The reason input voltage
range depends on the switching frequency is because the
LT3681 switch has finite minimum on and off times. The
switch can turn on for a minimum of ~150ns and turn off
for a minimum of ~150ns. This means that the minimum
and maximum duty cycles are:
DC
f
t
DC
f
t
MIN
SW ON MIN
MAX
SW OFF MIN
=
=
()
()
1–
where fSW is the switching frequency, the tON(MIN) is the
minimum switch on time (~150ns), and the tOFF(MIN) is
the minimum switch off time (~150ns). These equations
show that duty cycle range increases when switching
frequency is decreased.
A good choice of switching frequency should allow ad-
equate input voltage range (see next section) and keep
the inductor and capacitor values small.
Input Voltage Range
The maximum input voltage for LT3681 applications de-
pends on switching frequency, the Absolute Maximum Rat-
ings on VIN and BOOST pins, and on operating mode.
If the output is in start-up or short-circuit operating modes,
then VIN must be below 34V and below the result of the
following equation:
V
VV
ft
VV
IN MAX
OUT
D
SW ON MIN
DSW
()
()
=
+
+
–
where VIN(MAX) is the maximum operating input voltage,
VOUT is the output voltage, VD is the catch diode drop
(~0.55V), VSW is the internal switch drop (~0.5V at max
load), fSW is the switching frequency (set by RT), and
tON(MIN)istheminimumswitchontime(~150ns).Notethat
a higher switching frequency will depress the maximum
operating input voltage. Conversely, a lower switching
Figure 1. Switching Frequency vs. RT Value
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com