Electronic Components Datasheet Search
  English  ▼

X  

3681 Datasheet(PDF) 5 Page - Linear Technology

Part # 3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3681 Datasheet(HTML) 5 Page - Linear Technology

  3681 Datasheet HTML 1Page - Linear Technology 3681 Datasheet HTML 2Page - Linear Technology 3681 Datasheet HTML 3Page - Linear Technology 3681 Datasheet HTML 4Page - Linear Technology 3681 Datasheet HTML 5Page - Linear Technology 3681 Datasheet HTML 6Page - Linear Technology 3681 Datasheet HTML 7Page - Linear Technology 3681 Datasheet HTML 8Page - Linear Technology 3681 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT3681
5
3681f
BOOST DIODE CURRENT (A)
0
0.8
1.0
1.2
2.0
3681 G18
0.6
0.4
0
0.5
1.0
1.5
0.2
1.6
1.4
RUN/SS PIN VOLTAGE (V)
0
8
10
12
15
25
3681 G17
6
4
510
20
30
35
2
0
Switch Voltage Drop
Boost Pin Current
Feedback Voltage
Switching Frequency
Frequency Foldback
Minimum Switch On-Time
Soft Start
RUN/SS Pin Current
Boost Diode
SWITCH CURRENT (mA)
0
400
500
700
1500
2500
3681 G10
300
200
500
1000
2000
3000 3500
100
0
600
SWITCH CURRENT (mA)
0
0
10
30
40
50
2000
90
3681 G11
20
1000
500
2500 3000
1500
3500
60
70
80
TEMPERATURE (
°C)
–50
1.270
1.280
125
4681 G12
1.260
1.250
0
50
100
–25
25
75
1.290
1.265
1.275
1.255
1.285
TEMPERATURE (
°C)
–50
1.00
1.10
125
4681 G13
0.90
0.80
0
50
100
–25
25
75
1.20
RT = 45.3kΩ
0.95
1.05
0.85
1.15
FB PIN VOLTAGE (mV)
0
800
1000
1200
600
1000
3681 G14
600
400
200
400
800
1200 1400
200
0
RT = 45.3kΩ
TEMPERATURE (˚C)
–50
80
100
120
25
3681 G15
60
40
–25
0
50
75
100
125
20
0
140
RUN/SS PIN VOLTAGE (V)
0
3.5
1.5
3681 G16
2.0
1.0
0.5
1
2
0.5
0
4.0
3.0
2.5
1.5
2.5
3
3.5
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com