Electronic Components Datasheet Search
  English  ▼

X  

3681 Datasheet(PDF) 17 Page - Linear Technology

Part # 3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3681 Datasheet(HTML) 17 Page - Linear Technology

Back Button 3681 Datasheet HTML 13Page - Linear Technology 3681 Datasheet HTML 14Page - Linear Technology 3681 Datasheet HTML 15Page - Linear Technology 3681 Datasheet HTML 16Page - Linear Technology 3681 Datasheet HTML 17Page - Linear Technology 3681 Datasheet HTML 18Page - Linear Technology 3681 Datasheet HTML 19Page - Linear Technology 3681 Datasheet HTML 20Page - Linear Technology 3681 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT3681
17
3681f
PCB Layout
For proper operation and minimum EMI, care must be taken
during printed circuit board layout. Figure 9 shows the
recommended component placement with trace, ground
plane and via locations. Note that large, switched currents
flow in the LT3681’s VIN and SW pins, the integrated
Schottky diode the input capacitor (CIN) and the output
capacitor (COUT). The loop formed by these components
should be as small as possible. These components,
along with the inductor and output capacitor, should be
placed on the same side of the circuit board, and their
connections should be made on that layer. Place a local,
Figure 9. A Good PCB Layout Ensures Proper, Low EMI Operation
1
2
14
13
3
4
12
11
10
9
8
VIAS TO GND
VIAS TO VOUT
VIAS TO VIN
VIAS TO DC HEATSINK
5
6
7
VIN
CIN
COUT
3681 F11
unbroken ground plane below these components. The SW
and BOOST nodes should be as small as possible. Finally,
keep the FB and VC nodes small so that the ground traces
will shield them from the SW and BOOST nodes. Each of
the Exposed Pads on the bottom of the package must be
soldered to copper pours so that the pad acts as a heat
sink. To keep thermal resistance low, extend the ground
plane as much as possible, and add thermal vias under
and near the LT3681 to additional ground planes within
the circuit board and on the bottom side. Keep in mind
that the thermal design must keep the junctions of the IC
and power diode below the specified absolute maximum
temperature of 125°C.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com