Electronic Components Datasheet Search
  English  ▼

X  

3681 Datasheet(PDF) 1 Page - Linear Technology

Part # 3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3681 Datasheet(HTML) 1 Page - Linear Technology

  3681 Datasheet HTML 1Page - Linear Technology 3681 Datasheet HTML 2Page - Linear Technology 3681 Datasheet HTML 3Page - Linear Technology 3681 Datasheet HTML 4Page - Linear Technology 3681 Datasheet HTML 5Page - Linear Technology 3681 Datasheet HTML 6Page - Linear Technology 3681 Datasheet HTML 7Page - Linear Technology 3681 Datasheet HTML 8Page - Linear Technology 3681 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3681
1
3681f
36V, 2A, 2.8MHz Step-Down
Switching Regulator with
Integrated Power Schottky Diode
The LT®3681 is an adjustable frequency (300kHz to 2.8MHz)
monolithic buck switching regulator that accepts input
voltages up to 34V (36V maximum). A high efficiency
0.18
Ω switch is included on the die along with a boost
Schottky diode and the necessary oscillator, control, and
logic circuitry. An undedicated power Schottky diode is
integrated into the LT3681 to minimize the solution size.
Current mode topology is used for fast transient response
and good loop stability. Low ripple Burst Mode operation
maintains high efficiency at low output currents while
keeping output ripple below 15mV in a typical application.
In addition, the LT3681 can further enhance low output
current efficiency by drawing bias current from the output
when VOUT is above 3V. Shutdown reduces input supply
current to less than 1µA while a resistor and capacitor on
the RUN/SS pin provide a controlled output voltage ramp
(soft-start). A power good flag signals when VOUT reaches
90% of the programmed output voltage. The LT3681
is available in 14-Pin 4mm x 3mm DFN package with
exposed pads for low thermal resistance.
■ Automotive Battery Regulation
■ Power for Portable Products
■ Distributed Supply Regulation
■ Industrial Supplies
■ Wall Transformer Regulation
■ Wide Input Voltage Range: 3.6V to 34V Operating,
36V Maximum
■ 2A Maximum Output Current
■ Low Ripple Burst Mode® Operation
50µA IQ at 12VIN to 3.3VOUT
Output Ripple < 15mVP-P
■ Adjustable Switching Frequency: 300kHz to 2.8MHz
■ Low Shutdown Current: IQ < 1µA
■ Integrated Boost Diode
■ Integrated Power Schottky Diode
■ Power Good Flag
■ Saturating Switch Design: 0.18
Ω On-Resistance
■ 1.265V Feedback Reference Voltage
■ Output Voltage: 1.265V to 20V
■ Soft-Start Capability
■ Small 14-Pin Thermally Enhanced
(4mm x 3mm) DFN Package
5V Step-Down Converter
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
SW
DC
DA
BIAS
FB
VC
PG
RT
VIN
BD
VIN
6.3V TO
34V
VOUT
5V
2A
4.7
mF
0.47
mF
330pF
22
mF
200k
20k
60.4k
L
6.8
mH
590k
GND
OFF ON
LT3681
3681 TA01
RUN/SS
BOOST
L: NEC PLC-0745-6R8
Efficiency
ILOAD (A)
0.0001
10
20
0
0.001
0.01
0.1
1
10
3681 TA01b
40
30
100
90
80
60
70
50
0.0001
0.0100
0.0010
10.0000
1.0000
0.1000
VIN = 12V
VOUT = 3.3V
L = 4.7
mH
F = 800 kHz
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.


Similar Part No. - 3681

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3681 BOURNS-3681 Datasheet
172Kb / 2P
Precision Potentiometer
3681 BOURNS-3681 Datasheet
178Kb / 2P
3680 Family - Precision Potentiometer
3681 BOURNS-3681 Datasheet
123Kb / 2P
Precision Potentiometer
logo
Heyco.
3681 HEYCO-3681 Datasheet
108Kb / 1P
Nylon PCB Supports - Stackable Self-Retaining Spacers
logo
Carl Kammerling Interna...
3681 CARL-3681 Datasheet
450Kb / 5P
Ratchet crimping pliers
08/05/2007
More results

Similar Description - 3681

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1912 LINER-LT1912 Datasheet
310Kb / 24P
36V, 2A, 500kHz Step-Down Switching Regulator
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3481 LINER-LT3481 Datasheet
299Kb / 24P
36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
LT3681 LINER-LT3681_15 Datasheet
378Kb / 24P
36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
36V, 2A, 2.4MHz Step-Down Switching Regulator
LT1912 LINER-LT1912_15 Datasheet
375Kb / 24P
36V, 2A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com