Electronic Components Datasheet Search
  English  ▼

X  

3681 Datasheet(PDF) 6 Page - Linear Technology

Part # 3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3681 Datasheet(HTML) 6 Page - Linear Technology

Back Button 3681 Datasheet HTML 2Page - Linear Technology 3681 Datasheet HTML 3Page - Linear Technology 3681 Datasheet HTML 4Page - Linear Technology 3681 Datasheet HTML 5Page - Linear Technology 3681 Datasheet HTML 6Page - Linear Technology 3681 Datasheet HTML 7Page - Linear Technology 3681 Datasheet HTML 8Page - Linear Technology 3681 Datasheet HTML 9Page - Linear Technology 3681 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3681
6
3681f
TEMPERATURE (
°C)
–50
1.50
2.00
2.50
25
75
125
3681 G22
1.00
0.50
0
–25
0
50
100
CURRENT LIMIT CLAMP
SWITCHING THRESHOLD
VC Voltages
3681 G24
IL
0.5A/DIV
VSW
5V/DIV
VOUT
10mV/DIV
2
µs/DIV
VIN = 12V; FRONT PAGE APPLICATION
ILOAD = 10mA
FB PIN VOLTAGE (V)
1.065
–80
–60
–20
0
20
1 .265
1.465
100
3681 G19
–40
1.165
1.365
40
60
80
LOAD CURRENT (A)
0.001
3.0
3.5
10
3681 G20
2.5
2.0
0.01
0.1
1
4.5
4.0
VOUT = 3.3V
L = 4.7
m
f = 800kHz
LOAD CURRENT (A)
0.001
5.0
5.5
10
3681 G20
4.5
4.0
0.01
0.1
1
6.5
6.0
VOUT = 5.0V
L = 4.7
m
f = 800kHz
TEMPERATURE (
°C)
–50
1.160
1.180
1.200
25
75
125
3681 G23
1.140
1.120
1.100
–25
0
50
100
PG RISING
3681 G25
IL
0.5A/DIV
VRUN/SS
5V/DIV
VOUT
10mV/DIV
VIN = 12V; FRONT PAGE APPLICATION
ILOAD = 140mA
1
µs/DIV
3681 G26
IL
0.5A/DIV
VRUN/SS
5V/DIV
VOUT
10mV/DIV
VIN = 12V; FRONT PAGE APPLICATION
ILOAD = 1A
1
µs/DIV
Error Amp Output Current
Minimum Input Voltage
Minimum Input Voltage
Power Good Threshold
Switching Waveforms; Transition
from Burst Mode to Full
Frequency
Switching Waveforms; Full
Frequency Continuous Operation
Switching Waveforms;
Burst Mode
TYPICAL PERFOR A CE CHARACTERISTICS
Power Schottky Diode Forward
Voltage vs Current
FORWARD VOLTAGE (V)
0
0.2
3681 G29
3000
0.1
0.3
1000
0
6000
5000
4000
2000
0.4
0.5
0.6
0.7
TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com