Electronic Components Datasheet Search
  English  ▼

X  

3681 Datasheet(PDF) 3 Page - Linear Technology

Part # 3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3681 Datasheet(HTML) 3 Page - Linear Technology

  3681 Datasheet HTML 1Page - Linear Technology 3681 Datasheet HTML 2Page - Linear Technology 3681 Datasheet HTML 3Page - Linear Technology 3681 Datasheet HTML 4Page - Linear Technology 3681 Datasheet HTML 5Page - Linear Technology 3681 Datasheet HTML 6Page - Linear Technology 3681 Datasheet HTML 7Page - Linear Technology 3681 Datasheet HTML 8Page - Linear Technology 3681 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3681
3
3681f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Schottky Diode Forward Voltage
IDA = 1A
IDA = 2A
0.50
0.56
V
V
Power Schottky Diode Leakage Current
VDC-DA = 40V
100
μA
Switching Frequency
RT = 8.66k
RT = 29.4k
RT = 187k
2.5
1.25
250
2.8
1.4
300
3.1
1.55
350
MHz
MHz
kHz
Minimum Switch Off-Time
●
130
200
nS
Switch Current Limit
Duty Cycle = 5%
3.2
3.8
4.4
A
Switch VCESAT
ISW = 2A
360
mV
Boost Schottky Reverse Leakage
VSW = 10V, VBIAS = 0V
0.02
2
µA
Minimum Boost Voltage (Note 4)
●
1.5
2.1
V
BOOST Pin Current
ISW = 1A
18
35
mA
RUN/SS Pin Current
VRUN/SS = 2.5V
5
10
μA
RUN/SS Input Voltage High
2.5
V
RUN/SS Input Voltage Low
0.2
V
PG Threshold Offset from Feedback Voltage
VFB Rising
122
mV
PG Hysteresis
5
mV
PG Leakage
VPG = 5V
0.1
1
μA
PG Sink Current
VPG = 3V
●
100
600
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3681E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Bias current flows into the FB pin.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the switch.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VRUNS/SS = 10V VBOOST = 15V, VBIAS = 3.3V unless otherwise
noted. (Note 2)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com