Electronic Components Datasheet Search
  English  ▼

X  

3681 Datasheet(PDF) 15 Page - Linear Technology

Part # 3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3681 Datasheet(HTML) 15 Page - Linear Technology

Back Button 3681 Datasheet HTML 11Page - Linear Technology 3681 Datasheet HTML 12Page - Linear Technology 3681 Datasheet HTML 13Page - Linear Technology 3681 Datasheet HTML 14Page - Linear Technology 3681 Datasheet HTML 15Page - Linear Technology 3681 Datasheet HTML 16Page - Linear Technology 3681 Datasheet HTML 17Page - Linear Technology 3681 Datasheet HTML 18Page - Linear Technology 3681 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LT3681
15
3681f
Soft-Start
The RUN/SS pin can be used to soft-start the LT3681,
reducing the maximum input current during start-up.
The RUN/SS pin is driven through an external RC filter to
create a voltage ramp at this pin. Figure 7 shows the start-
up and shut-down waveforms with the soft-start circuit.
By choosing a large RC time constant, the peak start-up
current can be reduced to the current that is required to
regulate the output, with no overshoot. Choose the value
of the resistor so that it can supply 20µA when the RUN/SS
pin reaches 2.3V.
Synchronization
The internal oscillator of the LT3681 can be synchronized
to an external 275kHz to 475kHz clock by using a 5pF
to 20pF capacitor to connect the clock signal to the RT
pin. The resistor tying the RT pin to ground should be
chosen such that the LT3681 oscillates 20% lower than
the intended synchronization frequency (see Setting the
Switching Frequency section).
The LT3681 should not be synchronized until its output
is near regulation as indicated by the PG flag. This can be
done with the system microcontroller/microprocessor or
with a discrete circuit by using the PG output. If a sync
signal is applied while the PG is low, the LT3681 may
exhibit erratic operation.
When applying a sync signal, positive clock transitions
reset LT3681’s internal clock and negative transitions
initiate a switch cycle. The amplitude of the sync signal
must be at least 2V. The sync signal duty cycle can range
from 5% up to a maximum value given by the following
equation:
DC
VV
VV
V
f
SYNC MAX
OUT
D
IN
SW
D
SW
() =
+
+
⎛
⎝⎜
⎞
⎠⎟
16
–
–
–• 0
00ns
where VOUT is the programmed output voltage, VD is the
diode forward drop, VIN is the typical input voltage, VSW
is the switch drop, and fSW is the desired switching fre-
quency. For example, a 24V input to 5V output at 300kHz
can be synchronized to a square wave with a maximum
duty cycle of 60%. For some applications, such as 12VIN
to 5VOUT at 350kHz, the maximum allowable sync duty
cycle will be less than 50%. If a low duty cycle clock cannot
be obtained from the system, then a one-shot should be
used between the sync signal and the LT3681. The value
of the coupling capacitor which connects the clock signal
to the RT pin should be chosen based on the clock signal
amplitude. Good starting values for 3.3V and 5V clock
signals are 10pF and 5pF, respectively. These values should
be tested and adjusted for each individual application to
assure reliable operation.
Figure 6. The Minimum Input Voltage Depends on
Output Voltage, Load Current and Boost Circuit
LOAD CURRENT (A)
0.001
4.0
4.5
5.0
10
3.5
3.0
2.0
0.01
0.1
1
2.5
6.0
5.5
3681 F06
LOAD CURRENT (A)
0.001
5.0
4.5
6.0
5.5
7.0
6.5
10
4.0
3.5
2.0
0.01
0.1
1
3.0
2.5
8.0
7.5
VOUT = 3.3V
TA = 25°C
L = 4.7
m
f = 800 kHz
TO START (RUN/SS = VIN)
TO START (RUN/SS CONTROL)
TO RUN
TO START (RUN/SS = VIN)
TO START (RUN/SS CONTROL)
TO RUN
VOUT = 5.0V
TA = 25°C
L = 4.7
m
f = 800 kHz
Figure 7. To Soft-Start the LT3681, Add a Resistor
and Capacitor to the RUN/SS Pin
3681 F07
IL
1A/DIV
VRUN/SS
2V/DIV
VOUT
2V/DIV
RUN/SS
GND
0.22
µF
RUN
15k
2ms/DIV
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com