Electronic Components Datasheet Search
  English  ▼

X  

3681 Datasheet(PDF) 24 Page - Linear Technology

Part # 3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3681 Datasheet(HTML) 24 Page - Linear Technology

Back Button 3681 Datasheet HTML 16Page - Linear Technology 3681 Datasheet HTML 17Page - Linear Technology 3681 Datasheet HTML 18Page - Linear Technology 3681 Datasheet HTML 19Page - Linear Technology 3681 Datasheet HTML 20Page - Linear Technology 3681 Datasheet HTML 21Page - Linear Technology 3681 Datasheet HTML 22Page - Linear Technology 3681 Datasheet HTML 23Page - Linear Technology 3681 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT3681
24
3681f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0407 • PRINTED IN USA
TYPICAL APPLICATIO
RELATED PARTS
SW
BIAS
FB
VC
PG
RT
VIN
BD
VIN
3.6V TO 27V
VOUT
1.265V
2A
4.7
mF
0.47
mF
47
mF
f = 500kHz
L: NEC PLC-0745-3R3
13k
105k
L
3.3
mH
GND
330pF
ON OFF
LT3681
3681 TA10
RUN/SS
BOOST
DC
DA
1.265V Step-Down Converter
PART NUMBER
DESCRIPTION
COMMENTS
LT1766
60V, 1.2A (IOUT), 200kHz, High Efficiency Step-Down DC/DC
Converter
VIN = 5.5V to 60V, VOUT = 1.20V, IQ = 2.5mA, ISD 25μA
TSSOP16E Package
LT1767
25V, 1.2A (IOUT), 1.2MHz, High Efficiency Step-Down DC/DC
Converter
VIN = 3.0V to 25V, VOUT = 1.20V, IQ = 1mA, ISD < 6μA
MS8E Package
LT1933
500mA (IOUT), 500kHz Step-Down Switching Regulator in SOT-23
VIN = 3.6V to 36V, VOUT = 1.2V, IQ = 1.6mA, ISD < 1μA
ThinSOT Package
LT1936
36V, 1.4A (IOUT), 500kHz High Efficiency Step-Down DC/DC Converter VIN = 3.6V to 36V, VOUT = 1.2V, IQ = 1.9mA, ISD < 1μA
MS8E Package
LT1940
Dual 25V, 1.4A (IOUT), 1.1MHz, High Efficiency Step-Down DC/DC
Converter
VIN = 3.6V to 25V, VOUT = 1.20V, IQ = 3.8mA, ISD < 30μA
TSSOP16E Package
LT1976/LT1977
60V, 1.2A (IOUT), 200kHz/500kHz, High Efficiency Step-Down DC/DC
Converter with Burst Mode
VIN = 3.3V to 60V, VOUT = 1.20V, IQ = 100μA, ISD < 1μA
TSSOP16E Package
LT3434/LT3435
60V, 2.4A (IOUT), 200/500kHz, High Efficiency Step-Down DC/DC
Converter with Burst Mode
VIN = 3.3V to 60V, VOUT = 1.20V, IQ = 100μA, ISD < 1μA
TSSOP16E Package
LT3437
60V, 400mA (IOUT), MicroPower Step-Down DC/DC Converter with
Burst Mode
VIN = 3.3V to 60V, VOUT = 1.25V, IQ = 100μA, ISD < 1μA
(3mm
× 3mm) DFN-10 TSSOP16E Package
LT3480
36V with Transient Protection to 60V, 2A (IOUT), 2.4MHz, High
Efficiency Step-Down DC/DC Converter with Burst Mode Operation
VIN = 3.6V to 38V, VOUT = 0.78V, IQ = 70μA, ISD < 1μA
(3mm
× 3mm) DFN-10 MSOP10E Package
LT3481
34V with Transient Protection to 36V, 2A (IOUT), 2.8MHz, High
Efficiency Step-Down DC/DC Converter with Burst Mode Operation
VIN = 3.6V to 34V, VOUT = 1.265V, IQ = 50μA, ISD < 1μA
(3mm
× 3mm) DFN-10 MSOP10E Package
LT3493
36V, 1.4A (IOUT), 750kHz High Efficiency Step-Down DC/DC Converter VIN = 3.6V to 36V, VOUT = 0.8V, IQ = 1.9mA, ISD < 1μA
(2mm
× 3mm)DFN-6 Package
LT3505
36V with Transient Protection to 40V, 1.4A (IOUT), 3MHz, High
Efficiency Step-Down DC/DC Converter
VIN = 3.6V to 34V, VOUT = 0.78V, IQ = 2mA, ISD < 2μA
(3mm
× 3mm) DFN-8 MSOP8E Package
LT3508
36V with Transient Protection to 40V, Dual 1.4A (IOUT), 3MHz, High
Efficiency Step-Down DC/DC Converter
VIN = 3.7V to 37V, VOUT = 0.8V, IQ = 4.6mA, ISD < 1μA
(4mm
× 4mm) QFN-24 TSSOP16E Package
LT3684
34V with Transient Protection to 36V, 2A (IOUT), 2.8MHz, High
Efficiency Step-Down DC/DC Converter
VIN = 3.6V to 34V, VOUT = 01.26V, IQ = 850mA, ISD < 1μA
(3mm
× 3mm) DFN-10 MSOP10E Package
LT3685
36V with Transient Protection to 60V, 2A (IOUT), 2.4MHz, High
Efficiency Step-Down DC/DC Converter
VIN = 3.6V to 38V, VOUT = 0.78V, IQ = 70mA, ISD < 1μA
(3mm
× 3mm) DFN-10 MSOP10E Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com