Electronic Components Datasheet Search
  English  ▼

X  

3681 Datasheet(PDF) 14 Page - Linear Technology

Part # 3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3681 Datasheet(HTML) 14 Page - Linear Technology

Back Button 3681 Datasheet HTML 10Page - Linear Technology 3681 Datasheet HTML 11Page - Linear Technology 3681 Datasheet HTML 12Page - Linear Technology 3681 Datasheet HTML 13Page - Linear Technology 3681 Datasheet HTML 14Page - Linear Technology 3681 Datasheet HTML 15Page - Linear Technology 3681 Datasheet HTML 16Page - Linear Technology 3681 Datasheet HTML 17Page - Linear Technology 3681 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT3681
14
3681f
boost diode can be tied to VIN; however, this restricts the
input range to one-half of the absolute maximum rating
of the BOOST pin.
At light loads, the inductor current becomes discontinuous
and the effective duty cycle at the BOOST pin (not the SW
pin) can be very high. This reduces the minimum input
voltage to approximately 300mV above VOUT.Athigherload
currents, the inductor current is continuous and the duty
cycle is limited by the maximum duty cycle of the LT3681,
requiring a higher input voltage to maintain regulation.
BOOST and BIAS Pin Considerations
Capacitor C3 and the internal boost Schottky diode (see
the Block Diagram) are used to generate a boost volt-
age that is higher than the input voltage. In most cases
a 0.22µF capacitor will work well. Figure 5 shows three
ways to arrange the boost circuit. The BOOST pin must be
more than 2.3V above the SW pin for best efficiency. For
outputs of 2.8V and above, the standard circuit (Figure 5a)
is best. For outputs between 2.8V and 3V, use a 1µF boost
capacitor. A 2.5V output presents a special case because it
is marginally adequate to support the boosted drive stage
while using the internal boost diode. For reliable BOOST pin
operation with 2.5V outputs use a good external Schottky
diode (such as the ON Semi MBR0540), and a 1µF boost
capacitor (see Figure 5b). For lower output voltages the
boost diode can be tied to the input (Figure 5c), or to
another supply greater than 2.8V. The circuit in Figure 5a
is more efficient because the BOOST pin current and BIAS
pin quiescent current comes from a lower voltage source.
You must also be sure that the maximum voltage ratings
of the BOOST and BIAS pins are not exceeded.
The minimum operating voltage of an LT3681 application
is limited by the minimum input voltage (3.6V) and by the
maximum duty cycle as outlined in a previous section. For
proper startup, the minimum input voltage is also limited
by the boost circuit. If the input voltage is ramped slowly,
or the LT3681 is turned on with its RUN/SS pin when the
output is already in regulation, then the boost capacitor
may not be fully charged. Because the boost capacitor is
charged with the energy stored in the inductor, the circuit
will rely on some minimum load current to get the boost
circuit running properly. This minimum load will depend
on input and output voltages, and on the arrangement of
the boost circuit. The minimum load generally goes to zero
once the circuit has started. If, however, the LT3681 is
started by the RUN/SS pin and the output is discharged, the
discharged output capacitance will often present enough
of a load to allow the circuit to start. Figure 6 gives plots
of the input voltage required for three different situations:
the worst case situation where RUN/SS is tied to VIN and
VIN is ramped up very slowly, the minimum input voltage
at which the circuit will regulate when start-up is controlled
by RUN/SS, and the minimum input voltage required to
maintain output regulation. For lower start-up voltage, the
VIN
BOOST
SW
BD
VIN
VOUT
4.7
mF
C3
GND
DC
LT3681
VIN
BOOST
SW
BD
VIN
VOUT
4.7
mF
C3
D2
GND
LT3681
VIN
BOOST
SW
BD
VIN
VOUT
4.7
mF
C3
GND
DA
DA
DA
LT3681
3681 FO5
COUT
COUT
COUT
(5a) For VOUT > 2.8V
(5b) For 2.5V < VOUT < 2.8V
(5c) For VOUT < 2.5V
DC
DC
Figure 5. Three Circuits For Generating The Boost Voltage
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com