Electronic Components Datasheet Search
  English  ▼

X  

3681 Datasheet(PDF) 19 Page - Linear Technology

Part # 3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3681 Datasheet(HTML) 19 Page - Linear Technology

Back Button 3681 Datasheet HTML 15Page - Linear Technology 3681 Datasheet HTML 16Page - Linear Technology 3681 Datasheet HTML 17Page - Linear Technology 3681 Datasheet HTML 18Page - Linear Technology 3681 Datasheet HTML 19Page - Linear Technology 3681 Datasheet HTML 20Page - Linear Technology 3681 Datasheet HTML 21Page - Linear Technology 3681 Datasheet HTML 22Page - Linear Technology 3681 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT3681
19
3681f
APPLICATIONS INFORMATION
Figure 10. A Well Chosen Input Network Prevents Input Voltage Overshoot and
Ensures Reliable Operation when the LT3681 is Connected to a Live Supply
+
LT3681
4.7
mF
VIN
20V/DIV
IIN
10A/DIV
20
ms/DIV
VIN
CLOSING SWITCH
SIMULATES HOT PLUG
IIN
(10a)
(10b)
LOW
IMPEDANCE
ENERGIZED
24V SUPPLY
STRAY
INDUCTANCE
DUE TO 6 FEET
(2 METERS) OF
TWISTED PAIR
+
LT3681
4.7
mF
0.1
mF
0.7
W
VIN
20V/DIV
IIN
10A/DIV
20
ms/DIV
DANGER
RINGING VIN MAY EXCEED
ABSOLUTE MAXIMUM RATING
(10c)
+
LT3681
4.7
mF
22
mF
35V
AI.EI.
3681 F10
VIN
20V/DIV
IIN
10A/DIV
20
ms/DIV
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com