Electronic Components Datasheet Search
  English  ▼

X  

3681 Datasheet(PDF) 12 Page - Linear Technology

Part # 3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3681 Datasheet(HTML) 12 Page - Linear Technology

Back Button 3681 Datasheet HTML 8Page - Linear Technology 3681 Datasheet HTML 9Page - Linear Technology 3681 Datasheet HTML 10Page - Linear Technology 3681 Datasheet HTML 11Page - Linear Technology 3681 Datasheet HTML 12Page - Linear Technology 3681 Datasheet HTML 13Page - Linear Technology 3681 Datasheet HTML 14Page - Linear Technology 3681 Datasheet HTML 15Page - Linear Technology 3681 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT3681
12
3681f
When choosing a capacitor, look carefully through the
data sheet to find out what the actual capacitance is under
operating conditions (applied voltage and temperature).
A physically larger capacitor, or one with a higher voltage
rating, may be required. High performance tantalum or
electrolytic capacitors can be used for the output capacitor.
Low ESR is important, so choose one that is intended for
use in switching regulators. The ESR should be specified
by the supplier, and should be 0.05
Ω or less. Such a
capacitor will be larger than a ceramic capacitor and will
have a larger capacitance, because the capacitor must be
large to achieve low ESR. Table 2 lists several capacitor
vendors.
Catch Diode
The integral power Schottky catch diode conducts current
only during switch off time. Average forward current in
normal operation can be calculated from:
ID(AVG) = IOUT (VIN – VOUT)/VIN
where IOUT is the output load current.
Ceramic Capacitors
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LT3681 due to their piezoelectric nature.
When in Burst Mode operation, the LT3681’s switching
frequency depends on the load current, and at very light
loads the LT3681 can excite the ceramic capacitor at audio
frequencies, generating audible noise. Since the LT3681
operates at a lower current limit during Burst Mode op-
eration, the noise is typically very quiet to a casual ear.
If this is unacceptable, use a high performance tantalum
or electrolytic capacitor at the output.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LT3681. A ceramic
input capacitor combined with trace or cable inductance
forms a high quality (under damped) tank circuit. If the
LT3681 circuit is plugged into a live supply, the input volt-
age can ring to twice its nominal value, possibly exceeding
the LT3681’s rating. This situation is easily avoided (see
the Hot Plugging Safely section).
Frequency Compensation
The LT3681 uses current mode control to regulate the
output. This simplifies loop compensation. In particular, the
LT3681 does not require the ESR of the output capacitor
for stability, so you are free to use ceramic capacitors to
achieve low output ripple and small circuit size. Frequency
compensation is provided by the components tied to the
VC pin, as shown in Figure 2. Generally a capacitor (CC)
and a resistor (RC) in series to ground are used. In ad-
dition, there may be a lower value capacitor in parallel.
This capacitor (CF) is not part of the loop compensation
but is used to filter noise at the switching frequency, and
is required only if a phase-lead capacitor is used or if the
output capacitor has high ESR.
VENDOR
PHONE
URL
PART SERIES
COMMENTS
Panasonic
(714) 373-7366
www.panasonic.com
Ceramic,
Polymer,
Tantalum
EEF Series
Kemet
(864) 963-6300
www.kemet.com
Ceramic,
Tantalum
T494, T495
Sanyo
(408) 749-9714
www.sanyovideo.com
Ceramic,
Polymer,
Tantalum
POSCAP
Murata
(408) 436-1300
www.murata.com
Ceramic
AVX
www.avxcorp.com
Ceramic,
Tantalum
TPS Series
Taiyo Yuden
(864) 963-6300
www.taiyo-yuden.com
Ceramic
Table 2. Capacitor Vendors
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com