Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 122 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 122 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 115Page - Texas Instruments PCI1221 Datasheet HTML 116Page - Texas Instruments PCI1221 Datasheet HTML 117Page - Texas Instruments PCI1221 Datasheet HTML 118Page - Texas Instruments PCI1221 Datasheet HTML 119Page - Texas Instruments PCI1221 Datasheet HTML 120Page - Texas Instruments PCI1221 Datasheet HTML 121Page - Texas Instruments PCI1221 Datasheet HTML 122Page - Texas Instruments PCI1221 Datasheet HTML 123Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 122 / 123 page
background image
122
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PDV (S-PQFP-G208)
PLASTIC QUAD FLATPACK
0,13 NOM
105
104
53
0,27
0,17
0,25
0,45
0,75
0,05 MIN
52
Seating Plane
4087729/B 06/96
157
208
156
SQ
SQ
28,05
29,90
30,10
27,95
25,50 TYP
1
1,60 MAX
0,08
0,50
M
0,08
0
°–7°
Gage Plane
1,35
1,45
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MO-136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com