Electronic Components Datasheet Search
  English  ▼

X  

HC210W Datasheet(PDF) 52 Page - Altera Corporation

Part # HC210W
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210W Datasheet(HTML) 52 Page - Altera Corporation

Back Button HC210W Datasheet HTML 48Page - Altera Corporation HC210W Datasheet HTML 49Page - Altera Corporation HC210W Datasheet HTML 50Page - Altera Corporation HC210W Datasheet HTML 51Page - Altera Corporation HC210W Datasheet HTML 52Page - Altera Corporation HC210W Datasheet HTML 53Page - Altera Corporation HC210W Datasheet HTML 54Page - Altera Corporation HC210W Datasheet HTML 55Page - Altera Corporation HC210W Datasheet HTML 56Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 228 page
background image
4–10
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
RL
Receiver differential input
discrete resistor (external to
HardCopy II devices)
—
90
100
110
Ω
Notes to Table 4–12:
(1)
Like Stratix II devices, LVPECL is supported by the top and bottom clock input differential buffers, and by the PLL
clock output and feedback pins.
(2)
The top and bottom clock input differential buffers in I/O banks 3, 4, 7, and 8 are powered by VCCINT, not VCCIO.
The PLL clock output and feedback differential buffers are powered by
VCC_PLLOUT. For differential clock output
and feedback operation, connect
VCC_PLLOUT to 3.3 V.
Table 4–12. LVPECL Specifications (Part 2 of 2)
Note (1)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Table 4–13. HyperTransport Technology Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
I/O supply voltage for I/O
banks that support
high-speed IOEs (1), (2)
—
2.375
2.5
2.625
V
Output and feedback pins in
PLL banks 9, 10, 11, and 12
—
3.135
3.3
3.465
V
VID (peak-
to-peak)
Input differential voltage
swing (single-ended)
—
300
600
900
mV
VICM
Input common mode voltage
—
385
600
845
mV
VOD
Output differential voltage
(single-ended)
RL = 100
Ω
400
600
820
mV
ΔVOD
Change in VOD between high
and low
RL = 100
Ω
——
75
mV
VOCM
Output common mode
voltage
RL = 100
Ω
440
600
780
V
ΔV
OCM
Change in VOCM between
high and low
RL = 100
Ω
——
50
mV
RL
Receiver differential input
discrete resistor (external to
HardCopy II devices)
—
90
100
110
Ω
Notes to Table 4–13:
(1)
For information on which I/O banks support high-speed IOEs, refer to the Description, Architecture, and Features
chapter in the HardCopy II Device Family Data Sheet section in volume 1 of the HardCopy Series Handbook.
(2)
The top and bottom clock input differential buffers in I/O banks 3, 4, 7, and 8 are powered by VCCINT, not VCCIO.
The PLL clock output and feedback differential buffers are powered by
VCC_PLLOUT. For differential clock output
and feedback operation, connect
VCC_PLLOUT to 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com