Electronic Components Datasheet Search
  English  ▼

X  

HC210W Datasheet(PDF) 72 Page - Altera Corporation

Part # HC210W
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210W Datasheet(HTML) 72 Page - Altera Corporation

Back Button HC210W Datasheet HTML 68Page - Altera Corporation HC210W Datasheet HTML 69Page - Altera Corporation HC210W Datasheet HTML 70Page - Altera Corporation HC210W Datasheet HTML 71Page - Altera Corporation HC210W Datasheet HTML 72Page - Altera Corporation HC210W Datasheet HTML 73Page - Altera Corporation HC210W Datasheet HTML 74Page - Altera Corporation HC210W Datasheet HTML 75Page - Altera Corporation HC210W Datasheet HTML 76Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 228 page
background image
4–30
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
2.5-V
LVTTL / LVCMOS
4 mA
136
136
136
136
136
136
136
MHz
8 mA
230
230
230
230
230
230
230
MHz
12 mA
370
370
370
370
370
370
370
MHz
16 mA (3)
405
—
—
—
—
405
405
MHz
1.8-V
LVTTL / LVCMOS
2 mA
7777
77
77
77
7777
MHz
4 mA
150
150
150
150
150
150
150
MHz
6 mA
180
180
180
180
180
180
180
MHz
8 mA
200
200
200
200
200
200
200
MHz
10 mA
250
—
—
—
—
250
250
MHz
12 mA (3)
290
—
—
—
—
290
290
MHz
1.5-V
LVTTL / LVCMOS
2 mA
6060
60
60
60
6060
MHz
4 mA
110
110
110
110
110
110
110
MHz
6 mA
150
—
—
—
—
150
150
MHz
8mA (3)
190
—
—
—
—
190
190
MHz
SSTL2 class I
8 mA
210
—
—
—
—
210
210
MHz
12 mA (3)
280
—
—
—
—
280
280
MHz
SSTL2 class II
16 mA
245
—
—
—
—
245
245
MHz
20 mA
245
—
—
—
—
245
245
MHz
24 mA (3)
280
—
—
—
—
280
280
MHz
SSTL18 class I
4 mA
105
—
—
—
—
105
105
MHz
6 mA
175
—
—
—
—
175
175
MHz
8 mA
210
—
—
—
—
210
210
MHz
10 mA
220
—
—
—
—
220
220
MHz
12 mA (3)
230
—
—
—
—
230
230
MHz
SSTL18 class II
8 mA
140
—
—
—
—
140
140
MHz
16 mA
220
—
—
—
—
220
220
MHz
18 mA
220
—
—
—
—
220
220
MHz
20 mA (3)
350
—
—
—
—
350
350
MHz
Table 4–36. HardCopy II Maximum Output Clock Rate for HC210W Devices
Notes (1), (6) (Part 2 of 4)
I/O Standard
Drive
Strength
Memory
Interface
IOEs
High
Speed
IOEs
General Purpose
IOEs
CLK [0,
2, 8,
10] (2)
CLK
[4..7,
12..15]
PLL_OUT
Unit
Bottom
Column
Right
Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com