Electronic Components Datasheet Search
  English  ▼

X  

HC210W Datasheet(PDF) 9 Page - Altera Corporation

Part # HC210W
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210W Datasheet(HTML) 9 Page - Altera Corporation

Back Button HC210W Datasheet HTML 5Page - Altera Corporation HC210W Datasheet HTML 6Page - Altera Corporation HC210W Datasheet HTML 7Page - Altera Corporation HC210W Datasheet HTML 8Page - Altera Corporation HC210W Datasheet HTML 9Page - Altera Corporation HC210W Datasheet HTML 10Page - Altera Corporation HC210W Datasheet HTML 11Page - Altera Corporation HC210W Datasheet HTML 12Page - Altera Corporation HC210W Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 228 page
background image
Altera Corporation
2–1
September 2008
Preliminary
2. Description, Architecture,
and Features
Introduction
Altera® HardCopy® II devices feature an architecture that provides
high-density, high-performance, and low-power consumption suitable
for a variety of applications. HardCopy II devices are low-cost structured
ASICs with pin-outs, densities, and architecture that complement
Stratix® II FPGAs. HardCopy II devices make optimal use of die area and
core resources while offering features that are functionally equivalent to
the Stratix II FPGA. The combination of Stratix II FPGAs for in-system
prototype and design verification, HardCopy II devices for high-volume
production, and the Quartus® II design software, provide a complete,
seamless path from prototype to volume production. Table 2–1 provides
an overview of the HardCopy II device features.
Table 2–1. HardCopy II Family Overview (Part 1 of 2)
Feature
HC210W (1)
HC210
HC220
HC230
HC240
ASIC gates (2)
1,000,000
1,000,000
1,900,000
2,900,000
3,600,000
M4K RAM blocks (4k
bits plus parity)
190
190
408
614
768 (3)
M-RAM blocks (512k
bits plus parity)
00
2
6
9
Total RAM bits
(including parity bits)
875,520
875,520
3,059,712
6,368,256
8,847,360
Enhanced PLLs
2
2
2
4
4
Fast PLLs
2
2
2
4
8
Package (maximum
user I/O pins) (4), (5)
484-pin
FineLine
BGA (308)
484-pin
FineLine BGA
(334)
672-pin
FineLine BGA
(492)
780-pin
FineLine BGA
(494)
1,020-pin
FineLine BGA
(698)
1,020-pin
FineLine BGA
(742)
1,508-pin
FineLine BGA
(951)
H51016-2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com