Electronic Components Datasheet Search
  English  ▼

X  

HC210W Datasheet(PDF) 44 Page - Altera Corporation

Part # HC210W
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210W Datasheet(HTML) 44 Page - Altera Corporation

Back Button HC210W Datasheet HTML 40Page - Altera Corporation HC210W Datasheet HTML 41Page - Altera Corporation HC210W Datasheet HTML 42Page - Altera Corporation HC210W Datasheet HTML 43Page - Altera Corporation HC210W Datasheet HTML 44Page - Altera Corporation HC210W Datasheet HTML 45Page - Altera Corporation HC210W Datasheet HTML 46Page - Altera Corporation HC210W Datasheet HTML 47Page - Altera Corporation HC210W Datasheet HTML 48Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 228 page
background image
4–2
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
Recommended
Operating
Conditions
Table 4–3 contains the HardCopy II device family’s recommended
operating conditions.
Table 4–2. Maximum Duty Cycles in Voltage Transitions
VIN (V)
Maximum Duty Cycles
4
100%
4.1
90%
4.2
50%
4.3
30%
4.4
17%
4.5
10%
Table 4–3. HardCopy II Device Recommended Operating Conditions
Note (1) (Part 1 of 2)
Symbol
Parameter
Conditions
Minimum Maximum Unit
VCCINT
Supply voltage for internal
logic and input buffers
100 µs
≤ rise time ≤ 100 ms (2)
1.15
1.25
V
VCCIO
Supply voltage for output
buffers, 3.3-V operation
100 µs
≤ rise time ≤ 100 ms (2), (6)
3.135
(3.0)
3.465
(3.6)
V
Supply voltage for output
buffers, 2.5-V operation
100 µs
≤ rise time ≤ 100 ms (2)
2.375
2.625
V
Supply voltage for output
buffers, 1.8-V operation
100 µs
≤ rise time ≤ 100 ms (2)
1.71
1.89
V
Supply voltage for output
buffers, 1.5-V operation
100 µs
≤ rise time ≤ 100 ms (2)
1.425
1.575
V
VCCPD
Supply voltage for pre-drivers
as well as configuration and
JTAG I/O buffers
100 µs
≤ rise time ≤ 100 ms (3)
3.135
3.465
V
VCCA
Analog power supply for PLLs
100 µs
≤ rise time ≤ 100 ms (3)
1.15
1.25
V
VCCD
Digital power supply for PLLs
100 µs
≤ rise time ≤ 100 ms (3)
1.15
1.25
V
VI
Input voltage
(4), (5)
-0.5
4.0
V
VO
Output voltage
—
0
VCCIO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com