Electronic Components Datasheet Search
  English  ▼

X  

HC210W Datasheet(PDF) 70 Page - Altera Corporation

Part # HC210W
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210W Datasheet(HTML) 70 Page - Altera Corporation

Back Button HC210W Datasheet HTML 66Page - Altera Corporation HC210W Datasheet HTML 67Page - Altera Corporation HC210W Datasheet HTML 68Page - Altera Corporation HC210W Datasheet HTML 69Page - Altera Corporation HC210W Datasheet HTML 70Page - Altera Corporation HC210W Datasheet HTML 71Page - Altera Corporation HC210W Datasheet HTML 72Page - Altera Corporation HC210W Datasheet HTML 73Page - Altera Corporation HC210W Datasheet HTML 74Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 228 page
background image
4–28
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
Differential
SSTL18 class I
(5)
4 mA
150
—
—
—
—
150
150
MHz
6 mA
250
—
—
—
—
250
250
MHz
8 mA
300
—
—
—
—
300
300
MHz
10 mA
400
—
—
—
—
400
400
MHz
12 mA (3)
550
—
—
—
—
550
550
MHz
Differential
SSTL18 class II
(5)
8 mA
200
—
—
—
—
200
200
MHz
16 mA
350
—
—
—
—
350
350
MHz
18 mA
400
—
—
—
—
400
400
MHz
20 mA (3)
500
—
—
—
—
500
500
MHz
1.8-V differential
HSTL class I
(5)
4 mA
300
—
—
—
—
300
300
MHz
6 mA
450
—
—
—
—
450
450
MHz
8 mA
600
—
—
—
—
600
600
MHz
10 mA
650
—
—
—
—
650
650
MHz
12 mA (3)
700
—
—
—
—
700
700
MHz
1.8-V differential
HSTL class II
(5)
16 mA
500
—
—
—
—
500
500
MHz
18 mA
500
—
—
—
—
500
500
MHz
20 mA (3)
550
—
—
—
—
550
550
MHz
1.5-V differential
HSTL class I
(5)
4 mA
300
—
—
—
—
300
300
MHz
6 mA
500
—
—
—
—
500
500
MHz
8 mA
650
—
—
—
—
650
650
MHz
10 mA
700
—
—
—
—
700
700
MHz
12 mA (3)
700
—
—
—
—
700
700
MHz
Table 4–35. HardCopy II Maximum Output Clock Rate of HC210, HC220, HC230 and HC240 Devices
Note (1) (Part 4 of 5)
I/O Standard
Drive
Strength
Memory
Interface
IOEs
High
Speed
IOEs
General Purpose
IOEs
CLK [0,
2, 8,
10] (2)
CLK
[4..7,
12..15]
PLL_OUT
Unit
Bottom
Column
Right
Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com