| Electronic Components Datasheet Search |
|
HC210W Datasheet(PDF) 28 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC210W Datasheet(HTML) 28 Page - Altera Corporation |
|
28 / 228 page ![]() 2–20 Altera Corporation Preliminary September 2008 HardCopy Series Handbook, Volume 1 Figure 2–6. I/O Type Support in HC240 Devices Notes (1), (2) Notes to Figures 2–4 through 2–6: (1) In addition to supporting external memory interfaces, memory interface IOEs have the same features as general purpose IOEs. In addition to supporting high-speed I/O interfaces, high-speed IOEs have the same features as general purpose IOEs, except for the PCI clamping diode and LVPECL clock input support. (2) This is a top view of the silicon die which corresponds to a reverse view for flip-chip packages. It is a graphical representation only. 1 When planning I/O placement for designs targeting HardCopy II devices, care should be taken to ensure the same I/O standards are supported in the same HardCopy II I/O banks as in the Stratix II I/O banks. General Purpose IOE The general purpose IOEs in HC210 and HC220 devices are located on the right side and at the bottom of the device. The general purpose IOEs in HC230 devices are located on the right side of the device. (Directions are based on a top view of the silicon die.) HC240 devices do not have general purpose IOEs. The general purpose IOE functionality is supported in the memory interface IOEs for these devices. The high-speed IOEs also Bank 4 Memory Interface IOEs Bank 7 Memory Interface IOEs Bank 8 Memory Interface IOEs I/O banks 3 & 4 support 3.3-V, 2.5-V, 1.8-V LVTTL/ LVCMOS, 1.5-V LVCMOS, SSTL-2, SSTL-18, 1.8-V HSTL, 1.5-V HSTL & PCI/PCI-X I/O standards. I/O banks 7 & 8 support 3.3-V, 2.5-V, 1.8-V LVTTL/ LVCMOS, 1.5-V LVCMOS & PCI/PCI-X I/O standards. Bank 3 Memory Interface IOEs Bank 2 High-Speed IOEs Bank 1 High-Speed IOEs Bank 5 High-Speed IOEs Bank 6 High-Speed IOEs PLL 1 PLL 2 PLL 4 PLL 3 I/O Banks 5 & 6 Support 3.3-, 2.5- & 1.8-V LVTTL/LVCMOS, 1.5-V LVCMOS, LVDS & HyperTransport Technology I/O Banks 1 & 2 Support 3.3-, 2.5- & 1.8-V LVTTL/LVCMOS, 1.5-V LVCMOS, LVDS & HyperTransport Technology CLK, PLL_FB input pins & PLL_OUT output pins support differential SSTL, differential HSTL, LVDS & HyperTransport technology. CLK & PLL_FB pins support LVPECL. DQS input pins support differential SSTL and differential HSTL I/O standards. CLK, PLL_FB input pins SSTL-2, SSTL-18, 1.8-V HSTL, 1.5-V HST, & PLL_OUT output pins support differential SSTL, differential HSTL, LVDS & HyperTransport technology. CLK & PLL_FB pins support LVPECL. DQS input pins support differential SSTL and differential HSTL I/O standards. PLL 5 PLL 11 Bank 11 Bank 9 PLL 6 PLL 12 Bank 12 Bank 10 PLL 10 PLL 9 PLL 7 PLL 8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |