Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 5 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 5 Page - Altera Corporation

  HC240 Datasheet HTML 1Page - Altera Corporation HC240 Datasheet HTML 2Page - Altera Corporation HC240 Datasheet HTML 3Page - Altera Corporation HC240 Datasheet HTML 4Page - Altera Corporation HC240 Datasheet HTML 5Page - Altera Corporation HC240 Datasheet HTML 6Page - Altera Corporation HC240 Datasheet HTML 7Page - Altera Corporation HC240 Datasheet HTML 8Page - Altera Corporation HC240 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 228 page
background image
Altera Corporation
1–3
September 2008
Preliminary
Feature Overview
The HardCopy II device family consists of five devices. Table 1–1
summarizes the features available in the HardCopy II devices.
Table 1–1. HardCopy II Device Family Features
Feature
HC210W (1)
HC210
HC220
HC230
HC240
ASIC equivalent gates (2)
1,000,000
1,000,000
1,900,000
2,900,000
3,600,000
M4K RAM blocks
(4 Kbits plus parity)
190
190
408
614
768 (3)
M-RAM blocks
(512 Kbits plus parity)
0
026
9
Total RAM bits
(including parity bits)
875,520
875,520
3,059,712
6,368,256
8,847,360
Enhanced PLLs
2
2
2
4
4
Fast PLLs
2
2
2
4
8
Maximum user I/O pins (4), (5)
308
334
494
698
951
Notes to Table 1–1:
(1)
HC210W devices are in a wire bond package. All other HardCopy II devices and Stratix II FPGAs use a flip-chip
package. Devices in a wire bond package offer different performance and signal integrity characteristics compared
to devices in a flip-chip package.
(2)
This is the number of ASIC equivalent gates available in the HardCopy II base array, shared between both adaptive
logic module (ALM) logic and DSP functions from a Stratix II FPGA prototype. Each Stratix II adaptive logic
module (ALM) is equal to approximately 30 ASIC equivalent gates. The number of ASIC equivalent gates usable
is bounded by the number of ALMs in the companion Stratix II FPGA device.
(3)
Total number of usable M4K blocks is 768, which allows migration compatibility when prototyping with an
EP2S180 device. This may be different from the Quartus II software total physical M4K count of the HC240.
(4)
The I/O pin counts include the dedicated
CLK input pins, which can be used for clock signals or data inputs.
(5)
The Quartus II I/O pin counts include an additional pin (
PLLENA), which is not available as a general-purpose I/O
pin. The
PLLENA pin can only be used to enable the PLLs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com