Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 61 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 61 Page - Altera Corporation

Back Button HC240 Datasheet HTML 57Page - Altera Corporation HC240 Datasheet HTML 58Page - Altera Corporation HC240 Datasheet HTML 59Page - Altera Corporation HC240 Datasheet HTML 60Page - Altera Corporation HC240 Datasheet HTML 61Page - Altera Corporation HC240 Datasheet HTML 62Page - Altera Corporation HC240 Datasheet HTML 63Page - Altera Corporation HC240 Datasheet HTML 64Page - Altera Corporation HC240 Datasheet HTML 65Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 228 page
background image
Altera Corporation
4–19
September 2008
On-Chip Termination Specifications
On-Chip
Termination
Specifications
Table 4–29 defines the specification for internal termination specification
when using series or differential on-chip termination for HC210W
devices only.
Table 4–29. Series On-Chip Termination Specification for I/O Banks Supporting Memory Interface IOEs for
HC210W
Notes (1), (2), (3)
Symbol
Description
Conditions
Resistance Tolerance
Commercial
Max
Industrial
Max
Unit
25
Ω RS
3.3/2.5
Internal series termination with
calibration (25-
Ω setting)
VCC IO = 3.3/2.5 V
± 10
± 15
%
Internal series termination
without calibration (25-
Ω setting)
VCC IO = 3.3/2.5 V
± 30
± 30
%
50
Ω R
S
3.3/2.5
Internal series termination with
calibration (50-
Ω setting)
VCC IO = 3.3/2.5 V
± 10
± 15
%
Internal series termination
without calibration (50-
Ω setting)
VCC IO = 3.3/2.5 V
± 30
± 30
%
25
Ω R
S
1.8
Internal series termination with
calibration (25-
Ω setting)
VCC IO = 1.8 V
± 10
± 15
%
Internal series termination
without calibration (25-
Ω setting)
VCC IO = 1.8 V
± 30
± 30
%
50
Ω R
S
1.8
Internal series termination with
calibration (50-
Ω setting)
VCC IO = 1.8 V
± 10
± 15
%
Internal series termination
without calibration (50-
Ω setting)
VCC IO = 1.8 V
± 30
± 30
%
50
Ω R
S
1.5
Internal series termination with
calibration (50-
Ω setting)
VCC IO = 1.5 V
± 13
± 15
%
Internal series termination
without calibration (50-
Ω setting)
VCC IO = 1.5 V
± 36
± 36
%
Notes to Table 4–29:
(1)
For information on which I/O banks support memory interface IOEs, refer to the Description, Architecture, and
Features chapter in the HardCopy II Device Family Data Sheet section in volume 1 of the HardCopy Series Handbook.
(2)
The resistance tolerances for calibrated SOCT and POCT are at the time of initial of calibration. If the temperature
or voltage changes over time, the tolerance may also change.
(3)
This table applies only to the HC210W device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com