Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 40 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 40 Page - Altera Corporation

Back Button HC240 Datasheet HTML 36Page - Altera Corporation HC240 Datasheet HTML 37Page - Altera Corporation HC240 Datasheet HTML 38Page - Altera Corporation HC240 Datasheet HTML 39Page - Altera Corporation HC240 Datasheet HTML 40Page - Altera Corporation HC240 Datasheet HTML 41Page - Altera Corporation HC240 Datasheet HTML 42Page - Altera Corporation HC240 Datasheet HTML 43Page - Altera Corporation HC240 Datasheet HTML 44Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 228 page
background image
3–4
Altera Corporation
Preliminary
September 2008
HardCopy Series Handbook, Volume 1
BSDLCustomizer is a TCL script which is used to modify the BSDL file’s
port definitions and boundary-scan chain groups’ attributes according to
the design and pin assignments from the Quartus II software PIN file.
Once you run the generic BSDL file and your PIN file through the
BSDLCustomizer tool, a modified BSDL file is created which should be
used for the boundary-scan test.
Before running the boundary scan test on your board make sure that the
nCONFIG pin is externally pulled low and that the nSTATUS pin is low.
For more information on the BSDLCustomizer tool, refer to the
BSDLCustomizer User Guide that you can download with the
BSDLCustomizer tool from the Altera website at www.altera.com.
Figure 3–1 shows the timing requirements for the JTAG signals.
Figure 3–1. HardCopy II JTAG Waveforms
Table 3–4 shows the JTAG timing parameters and values for HardCopy II
devices.
Table 3–4. HardCopy II JTAG Timing Parameters and Values (Part 1 of 2)
Symbol
Parameter
Min
Max
Unit
tJCP
TCK clock period
30
ns
tJCH
TCK clock high time
13
ns
tJCL
TCK clock low time
13
ns
tJPSU
JTAG port setup time
3
ns
TDO
TCK
tJPZX
t
JPCO
tJPH
t JPXZ
tJCP
tJPSU
t JCL
tJCH
TDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com