| Electronic Components Datasheet Search |
|
HC240 Datasheet(PDF) 87 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC240 Datasheet(HTML) 87 Page - Altera Corporation |
|
87 / 228 page ![]() Altera Corporation 4–45 September 2008 Hot Socketing Hot Socketing HardCopy II devices offer hot socketing, which is also known as hot plug-in or hot swap, and power sequencing support without the use of any external devices. You can insert or remove a HardCopy II device in a system during system operation without causing undesirable effects to the running system bus or the board that was inserted into the system. The hot socketing feature in HardCopy II devices allow: ■ The device can be driven before power-up without any damage to the device itself. ■ I/O pins remain tri-stated during power-up, so they do no disrupt bus operation when HardCopy II I/Os are inserted in the system. ■ Signal pins do not drive the VCCIO, VCCPD, or VCCINT power supplies. ■ External input signals to I/O pins of the device do not internally power the VCCIO or VCCINT power supplies of the device via internal paths within the device. Table 4–50. DQS Bus Clock Skew Adder Specifications (tDQS_CLOCK_SKEW_ADDER) Note (1) Mode DQS Clock Skew Adder Unit ×4 DQ per DQS 40 ps ×9 DQ per DQS 70 ps ×18 DQ per DQS 75 ps ×36 DQ per DQS 95 ps Note to Table 4–50: (1) This skew specification is the absolute maximum and minimum skew. For example, skew on a ×4 DQ group is 40 ps or ± 20 ps. Table 4–51. DQS Phase Offset Delay Per Stage Note (1) HardCopy II Devices Min Max Unit All 9 14 ps Note to Table 4–51 (1) The delay settings are linear. The valid settings for phase offset are -64 to +63 for frequency mode 0 and -32 to +31 for frequency modes 1, 2, and 3. The typical value equals the average of the minimum and maximum values. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |