Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 82 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 82 Page - Altera Corporation

Back Button HC240 Datasheet HTML 78Page - Altera Corporation HC240 Datasheet HTML 79Page - Altera Corporation HC240 Datasheet HTML 80Page - Altera Corporation HC240 Datasheet HTML 81Page - Altera Corporation HC240 Datasheet HTML 82Page - Altera Corporation HC240 Datasheet HTML 83Page - Altera Corporation HC240 Datasheet HTML 84Page - Altera Corporation HC240 Datasheet HTML 85Page - Altera Corporation HC240 Datasheet HTML 86Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 228 page
background image
4–40
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
tLOCK
Time required for the PLL to lock
from the time it is enabled or the
end of device configuration
—0.03
1
ms
tDLOCK
Time required for the PLL to lock
dynamically after automatic clock
switchover between two identical
clock frequencies
——
1
ms
fSWITCHOVER
Frequency range where the clock
switchover performs properly
4
—
500
MHz
fCLKW
PLL closed loop bandwidth
0.13
1.2
16.9
MHz
fVCO
PLL VCO operating range for
HC210, HC220, HC230 and HC240
devices
300
—
1,040
MHz
PLL VCO operating range for
HC210W devices
300
—
840
MHz
fSS
Spread spectrum modulation
frequency
100
—
500
MHz
% spread
Percent down spread for a given
clock frequency
0.4
0.5
0.6
%
tPLL_PSERR
Accuracy of PLL phase shift
—
—
± 15
ps
tARESET
Minimum pulse width on ARESET
signal.
10 (3)
——
ns
500 (4)
——
ns
tARESET_RECONFIG Minimum pulse width on the areset
signal when using PLL
reconfiguration. Reset the PLL after
scan done goes high.
500
—
—
ns
Notes to Table 4–42:
(1)
Limited by I/O fMAX.
(2)
If the counter cascading feature of the PLL is used, there is no minimum output clock frequency.
(3)
Applicable when the PLL input clock has been running continuously for at least 10 µs.
(4)
Applicable when the PLL input clock has stopped toggling or has been running continuously for less than 10 µs.
Table 4–42. HardCopy II Enhanced PLL Specifications (Part 2 of 2)
Name
Description
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com