Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 64 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 64 Page - Altera Corporation

Back Button HC240 Datasheet HTML 60Page - Altera Corporation HC240 Datasheet HTML 61Page - Altera Corporation HC240 Datasheet HTML 62Page - Altera Corporation HC240 Datasheet HTML 63Page - Altera Corporation HC240 Datasheet HTML 64Page - Altera Corporation HC240 Datasheet HTML 65Page - Altera Corporation HC240 Datasheet HTML 66Page - Altera Corporation HC240 Datasheet HTML 67Page - Altera Corporation HC240 Datasheet HTML 68Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 228 page
background image
4–22
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
Maximum Input
Clock Rates
Tables 4–33 and 4–34 show the maximum input clocking rates of
HardCopy II I/Os.
CCLKLR
Input capacitance on left/right clock
inputs CLK0, CLK2, CLK8, CLK10.
4.3
6.1
pF
CCLKLR+
Input capacitance on left/right clock
inputs CLK1, CLK3, CLK9, and CLK11.
4.2
3.3
pF
COUTFB
Input capacitance on dual-purpose clock
output/feedback pins in PLL banks 9, 10,
11, and 12.
6.9
6.7
pF
Note to Table 4–32:
(1)
Capacitance is sample-tested only. Capacitance is measured using time-domain reflections (TDR). Measurement
accuracy is within ± 0.5 pF.
Table 4–32. HardCopy II Device Capacitance
Note (1) (Part 2 of 2)
Symbol
Parameter
HC210W
Typical
HC210, HC220,
HC230, HC240
Typical
Unit
Table 4–33. HardCopy II Maximum Input Clock Rates of HC210, HC220, HC230 and HC240 Devices (Part
1 of 2)
I/OStandard
Memory
Interface
IOEs
High
Speed
IOEs
General
Purpose
IOEs
CLK
[0..3,
8..11]
CLK
[4..7,
12..15]
FPLL_CLK
PLL_FB
Unit
LVTTL
500
500
500
500
500
500
500
MHz
2.5 V
500
500
500
500
500
500
500
MHz
1.8 V
500
500
500
500
500
500
500
MHz
1.5 V
500
500
500
500
500
500
500
MHz
LVCMOS
500
500
500
500
500
500
500
MHz
SSTL2 class I
500
—
—
—
500
—
500
MHz
SSTL2 class II
500
—
—
—
500
—
500
MHz
SSTL18 class I
500
—
—
—
500
—
500
MHz
SSTL18 class II
500
—
—
—
500
—
500
MHz
1.5 V HSTL class I
500
—
—
—
500
—
500
MHz
1.5 V HSTL class II
500
—
—
—
500
—
500
MHz
1.8 V HSTL class I
500
—
—
—
500
—
500
MHz
1.8 V HSTL class II
500
—
—
—
500
—
500
MHz
PCI (1)
500
—
500
—
500
—
500
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com