| Electronic Components Datasheet Search |
|
HC240 Datasheet(PDF) 19 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC240 Datasheet(HTML) 19 Page - Altera Corporation |
|
19 / 228 page ![]() Altera Corporation 2–11 September 2008 Preliminary PLLs and Clock Networks Enhanced and Fast PLLs The number of PLLs available differs based on density (Table 2–5). The target HardCopy II device may not support the same number of enhanced PLLs as the prototyping Stratix II FPGA. However, since HardCopy II enhanced PLLs and fast PLLs offer a similar feature set (Table 2–7 on page 2–13), a fast PLL could be used in place of an enhanced PLL. The type of PLL used in the design should be chosen using the Quartus II software to accommodate the resources available in the HardCopy II device. Table 2–6 shows which PLLs are available in each device density. Figure 2–3 shows the location of each PLL. During the prototyping stage using the FPGA, you must select the appropriate number of enhanced and fast PLLs that will be used in your HardCopy II device. Use Table 2–6 to ensure that the FPGA prototyping design uses the same PLL resources available in the HardCopy II device. Note to Table 2–4: (1) Maximum performance information is preliminary until device characterization. (2) The memory cells power up randomly, so reads before writes are not valid. Make sure you write to the memory location before you read it. (3) Even though the output register is cleared, the memory cells power up randomly. So reads before write are not valid. Make sure you write to the memory location first before reading it. (4) Violating the setup or hold time requirements on the address registers could corrupt the memory contents. This applies to both read and write operations. Table 2–4. HardCopy II Embedded Memory Features (Part 2 of 2) Notes (1), (2), (3) Feature M4K Blocks M-RAM Blocks Table 2–5. HardCopy II PLLs Feature HC210W HC210 HC220 HC230 HC240 Enhanced PLLs 22244 Fast PLLs 22248 Table 2–6. HardCopy II PLLs Available (Part 1 of 2) Note (1) Device Fast PLLs Enhanced PLLs 1 234 78 9 10 5 6 11 12 HC210W vv v v HC210 vv v v |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |