Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 14 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 14 Page - Altera Corporation

Back Button HC240 Datasheet HTML 10Page - Altera Corporation HC240 Datasheet HTML 11Page - Altera Corporation HC240 Datasheet HTML 12Page - Altera Corporation HC240 Datasheet HTML 13Page - Altera Corporation HC240 Datasheet HTML 14Page - Altera Corporation HC240 Datasheet HTML 15Page - Altera Corporation HC240 Datasheet HTML 16Page - Altera Corporation HC240 Datasheet HTML 17Page - Altera Corporation HC240 Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 228 page
background image
2–6
Altera Corporation
Preliminary
September 2008
HardCopy Series Handbook, Volume 1
HCells
HardCopy II devices are built using an array of fine-grained architecture
blocks called HCells. HCells are a collection of logic transistors based on
1.2 V, 90 nm process technology, similar to Stratix II devices. The
construction of logic using HCells allows flexible functionality such that
when HCells are combined, all viable logic combinations of Stratix II
functionality are replicated. These HCells constitute the array of HCells
area in Figure 2–1. Only HCells needed to implement the customer
design are assembled together, which optimizes HCell utilization. The
unused area of the HCell logic fabric is powered down, resulting in
significant power savings compared with the Stratix II FPGA prototype.
The Quartus II software uses the library of pre-characterized HCell
macros to place Stratix II ALM and DSP configurations into the
HardCopy II HCell-based logic fabric. An HCell macro defines how a
group of HCells are connected together within the array. HCell macros
can construct all combinations of combinational logic, adder, and register
functions that can be implemented by a Stratix II ALM. HCells not used
for ALM configurations can be used to implement DSP block functions.
Based on design requirements, the Quartus II software will chose the
appropriate HCell macros to implement the design functionality. For
example, Stratix II ALMs offer flexible look-up table (LUT) blocks,
registers, arithmetic blocks, and LAB-wide control signals. In
HardCopy II devices, if your design requires these architectural elements,
the Quartus II synthesis tool will map the design to the appropriate
HCells, resulting in improved design performance compared to the
Stratix II FPGA prototype.
Stratix II FPGAs have dedicated DSP blocks to implement various DSP
functions. Stratix II DSP blocks consist of a multiplier block, an
adder/subtractor/accumulator block, a summation block, input and
output interfaces, and input and output registers. In HardCopy II
devices, HCell macros implement Stratix II DSP block functionality with
area efficiency and performance on par with the dedicated DSP blocks in
Stratix II FPGAs.
There are eight HCell macros which implement the eight supported
modes of operation for the Stratix II DSP block:
■
9 × 9 multiplier
■
9 × 9 two-multiplier adder (9 × 9 complex multiply)
■
9 × 9 four-multiplier adder
■
18 × 18 multiplier
■
18 × 18 two-multiplier adder (18 × 18 complex multiply)
■
18 × 18 four-multiplier adder
■
52-bit (18 × 18) multiplier-accumulator
■
36 × 36 multiplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com