Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 22 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 22 Page - Altera Corporation

Back Button HC240 Datasheet HTML 18Page - Altera Corporation HC240 Datasheet HTML 19Page - Altera Corporation HC240 Datasheet HTML 20Page - Altera Corporation HC240 Datasheet HTML 21Page - Altera Corporation HC240 Datasheet HTML 22Page - Altera Corporation HC240 Datasheet HTML 23Page - Altera Corporation HC240 Datasheet HTML 24Page - Altera Corporation HC240 Datasheet HTML 25Page - Altera Corporation HC240 Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 228 page
background image
2–14
Altera Corporation
Preliminary
September 2008
HardCopy Series Handbook, Volume 1
Clock Networks
There are 16 clock pins (
CLK[15..0]) in HardCopy II devices that can
drive either the global- or regional-clock networks. The
CLK pins can
drive clock ports or data inputs.
HardCopy II devices provide 16 dedicated global-clock networks and
32 regional-clock networks; the same as in Stratix II FPGAs. These clocks
are organized to provide 24 unique clock sources per device quadrant
with low skew and delay. This clocking scheme provides up to 48 unique
clock domains within the entire HardCopy II device. Table 2–8 lists the
clock resources and features available in HardCopy II devices.
HardCopy II devices also support the same features as the Stratix II clock
control block, which is available for each global- and regional-clock
network. The control block has two functions:
■
Clock source selection (dynamic selection for global clocks):
You user can either dynamically select between two PLL outputs,
between two clock pins (
CLKp or CLKn), or a combination of the
clock pins or PLL outputs.
■
Clock power-down (dynamic clock enable or disable):
In HardCopy II devices, you can dynamically turn the clock off or on
in user-mode.
I/O Structure and
Features
The structure and features of the HardCopy II IOE remains the same as in
Stratix II. Any feature implemented in Stratix II IOEs can be migrated to
Hardcopy II IOEs.
Table 2–8. Clock Network Resources and Features Available in HardCopy II Devices
Resources and Features
Availability
Number of global clock networks
16
Number of regional clock networks
32
Global clock input sources
Clock input pins, PLL outputs, logic array
Regional clock input sources
Clock input pins, PLL outputs, logic array
Number of unique clock sources in a quadrant
24 (16 global clocks and 8 regional clocks)
Number of unique clock sources in the entire device
48 (16 global clocks and 32 regional clocks)
Power-down mode
Global- and regional-clock networks,
dual-regional-clock region
Clocking regions for high fan-out applications
Quadrant region, dual-regional, entire device via global-
or regional-clock networks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com