Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 12 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 12 Page - Altera Corporation

Back Button HC240 Datasheet HTML 8Page - Altera Corporation HC240 Datasheet HTML 9Page - Altera Corporation HC240 Datasheet HTML 10Page - Altera Corporation HC240 Datasheet HTML 11Page - Altera Corporation HC240 Datasheet HTML 12Page - Altera Corporation HC240 Datasheet HTML 13Page - Altera Corporation HC240 Datasheet HTML 14Page - Altera Corporation HC240 Datasheet HTML 15Page - Altera Corporation HC240 Datasheet HTML 16Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 228 page
background image
2–4
Altera Corporation
Preliminary
September 2008
HardCopy Series Handbook, Volume 1
HardCopy II and
Stratix II
Similarities and
Differences
HardCopy II devices preserve the functionality of Stratix II FPGAs.
Implementation of these architectural features in HardCopy II structured
ASICs matches Stratix II FPGA implementation, with a few exceptions.
Table 2–2 shows a qualitative comparison of HardCopy II device feature
implementation versus Stratix II FPGA feature implementation. Other
sections within this chapter provide details on similarities and differences
of a particular HardCopy II feature.
The major similarities and differences between Stratix II FPGAs and
HardCopy II devices are highlighted below:
■
HardCopy II may result in a power reduction of up to 50% than an
equivalent Stratix II FPGAs operating at the same frequency. Power
consumption is design dependent and is a direct result of design
performance and resource utilization.
■
HardCopy II devices offer up to 100% performance improvement
when compared to Stratix II FPGA prototypes. The performance
improvement is achieved by efficient use of logic blocks, metal
interconnect optimization, die size reduction, and customized signal
buffering.
■
Logic blocks, known as HCells, are the basic building block of the
core logic in HardCopy II devices and replace Stratix II adaptive logic
modules (ALMs). HCells implement logic and DSP functions.
■
DSP block functions are implemented using HCells, instead of
dedicated DSP blocks.
■
M4K and M-RAM memory blocks can implement various types of
memory (the same as Stratix II FPGAs), with or without parity,
including true dual-port, simple dual-port, and single-port RAM,
ROM, and first-in first-out (FIFO) buffers.
Table 2–2. HardCopy II Device vs. Stratix II FPGA Feature Implementation
Feature
Equivalent
Different
Logic blocks
v
DSP blocks
v
Memory
v
Clock networks
v
PLLs
v
I/O features
v
Configuration (1)
v
Note to Table 2–2:
(1)
HardCopy II structured ASICs do not need to be configured upon power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com