Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 67 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 67 Page - Altera Corporation

Back Button HC240 Datasheet HTML 63Page - Altera Corporation HC240 Datasheet HTML 64Page - Altera Corporation HC240 Datasheet HTML 65Page - Altera Corporation HC240 Datasheet HTML 66Page - Altera Corporation HC240 Datasheet HTML 67Page - Altera Corporation HC240 Datasheet HTML 68Page - Altera Corporation HC240 Datasheet HTML 69Page - Altera Corporation HC240 Datasheet HTML 70Page - Altera Corporation HC240 Datasheet HTML 71Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 228 page
background image
Altera Corporation
4–25
September 2008
Maximum Output Clock Rates
Maximum
Output Clock
Rates
Tables 4–35 and 4–36 show the maximum output toggle rates of
HardCopy II I/O's for all available drive strengths.
HyperTransport
—
320
—
320
—
320
—
MHz
Notes to Table 4–34:
(1)
The PCI clamping diode is only supported on the top and bottom I/O pins.
(2)
For HC210W, differential HSTL/SSTL input is supported on the top clock pins, the
DQS pins on the top I/O banks and
top/bottom
PLL_FB input pins.
(3)
These numbers are preliminary and pending further silicon characterization.
Table 4–34. HardCopy II Maximum Input Clock Rates of HC210W Devices
Note (3) (Part 2 of 2)
I/O Standard
Memory
Interface
IOEs
High
Speed
IOEs
General
Purpose
IOEs
CLK
[0..3,
8..11]
CLK
[4..7,
12..15]
FPLL_C
LK
PLL_FB
Unit
Table 4–35. HardCopy II Maximum Output Clock Rate of HC210, HC220, HC230 and HC240 Devices
Note (1) (Part 1 of 5)
I/O Standard
Drive
Strength
Memory
Interface
IOEs
High
Speed
IOEs
General Purpose
IOEs
CLK [0,
2, 8,
10] (2)
CLK
[4..7,
12..15]
PLL_OUT
Unit
Bottom
Column
Right
Row
3.3-V LVTTL
4 mA
225
225
225
225
225
225
225
MHz
8 mA
355
355
355
355
355
355
355
MHz
12 mA
475
475
475
475
475
475
475
MHz
16 mA
594
—
—
—
—
594
594
MHz
20 mA
700
—
—
—
—
700
700
MHz
24 mA (3)
794
—
—
—
—
794
794
MHz
3.3-V LVCMOS
4 mA
250
250
250
250
250
250
250
MHz
8 mA
480
480
480
480
480
480
480
MHz
12 mA
710
—
—
—
—
710
710
MHz
16 mA
925
—
—
—
—
925
925
MHz
20 mA
985
—
—
—
—
985
985
MHz
24 mA (3)
1040
—
—
—
—
1040
1040
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com