Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 183 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 183 Page - Altera Corporation

Back Button HC240 Datasheet HTML 179Page - Altera Corporation HC240 Datasheet HTML 180Page - Altera Corporation HC240 Datasheet HTML 181Page - Altera Corporation HC240 Datasheet HTML 182Page - Altera Corporation HC240 Datasheet HTML 183Page - Altera Corporation HC240 Datasheet HTML 184Page - Altera Corporation HC240 Datasheet HTML 185Page - Altera Corporation HC240 Datasheet HTML 186Page - Altera Corporation HC240 Datasheet HTML 187Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 228 page
background image
Altera Corporation
7–19
September 2008
Constraining Timing of HardCopy Series Devices
External Output Delay Specification
One way to capture output port timing is to describe the external timing
environment, which is the maximum and minimum delay times of
external signals that are driven by the primary output ports of the
HardCopy series device. Figure 7–11 shows the external timing
constraint driven by the primary output port. The static timing analysis
tool uses this information to check that the on-chip timing of the output
signals is within the desired specification.
Figure 7–11. External Timing Constraint for a Primary Output Port
Internal Output Delay (Tco) Specification
This approach describes the acceptable maximum and minimum on-chip
clock-to-output (TCO) delay. For example, you can use this approach to
describe the time it takes from the active edge of the clock to the data
arriving at the primary output port. Figure 7–12 shows a generic circuit
with an on-chip TCO time constraint. In addition, there can be a minimum
TCO requirement.
Figure 7–12. On-Chip Clock-to-Output (Tco) Time Constraint
DQ
dff
DQ
dff
Primary Output from
FPGA/HardCopy
Series Device
External Device
External Output Delay
Data Path
Delay
Data Path
Delay
HardCopy Device or FPGA
tco for a Primary Output Port
clk
Data
Path
Delay
Clock
Delay
tco
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com