Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 192 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 192 Page - Altera Corporation

Back Button HC240 Datasheet HTML 188Page - Altera Corporation HC240 Datasheet HTML 189Page - Altera Corporation HC240 Datasheet HTML 190Page - Altera Corporation HC240 Datasheet HTML 191Page - Altera Corporation HC240 Datasheet HTML 192Page - Altera Corporation HC240 Datasheet HTML 193Page - Altera Corporation HC240 Datasheet HTML 194Page - Altera Corporation HC240 Datasheet HTML 195Page - Altera Corporation HC240 Datasheet HTML 196Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 228 page
background image
8–4
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
When the Quartus II software successfully compiles a design, the
HardCopy II Device Resource Guide in the Fitter Compilation Report
contains information on migration compatibility to a HardCopy II device.
Use this information to select the optimal HardCopy II device for the
prototype Stratix II device based on resource requirements and package
preference.
Table 8–3 shows the available resources for prototyping on a Stratix II
device when choosing a HardCopy II device. This chapter examines each
resource availability in greater detail.
1,020-pin FineLine BGA
HC230
EP2S180
1,020-pin FineLine BGA
HC240
EP2S180
1,508-pin FineLine BGA
HC240
EP2S180
Notes to Table 8–2:
(1)
Table 8–2 does not include the HC210W device. For information on the HC210W
device, contact the Altera Applications Group.
(2)
This is a Hybrid FineLine BGA package. For more details, refer to the Package
Information for Stratix II Devices chapter in volume 2 of the Stratix Device Handbook.
Table 8–2. Stratix II and HardCopy II Companion Devices (Part 2 of 2)
Note (1)
Package
Companion Pair
HardCopy II Device
Stratix II Device
Table 8–3. Stratix II and HardCopy II Companion Devices Resource Availability Guide (Part 1 of 2) Note (1)
Stratix II
and
HardCopy II
Companion
Devices
Package
Stratix II
ALMs
(2)
HardCopy II Prototyping Resources
ASIC
Gates for
Logic
User
I/O Pins
(3)
M4K
Blocks
M-RAM
Blocks
Total
RAM Bits
18 × 18
Multipliers
PLLs
EP2S30
HC210
484-pin
FineLine BGA
13,552
360K
334
144
0
663,552
64
4
EP2S60
HC210
484-pin
FineLine BGA
24,176
720K
334
190
0
875,520
144
4
EP2S90
HC210
484-pin
FineLine BGA
36,384
1 M
308
190
0
875,520
192
4
EP2S60
HC220
672-pin
FineLine BGA
24,176
720K
492
255
2
2,354,688
144
4
EP2S90
HC220
780-pin
FineLine BGA
36,384
1 M
494
408
2
3,059,712
192
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com