| Electronic Components Datasheet Search |
|
HC240 Datasheet(PDF) 202 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC240 Datasheet(HTML) 202 Page - Altera Corporation |
|
202 / 228 page ![]() 8–14 Altera Corporation September 2008 HardCopy Series Handbook, Volume 1 LVDS, SERDES, and DPA Compatibility HardCopy II devices offer up to 116 transmitter and receiver pairs. Similar to Stratix II devices, these differential I/O pins are located on row I/O pins. The HC240 device’s left and right banks are high-speed IOEs which support differential transmission. The HC210, HC220, and HC230 devices only support differential transmission on the left banks. The LVDS and HyperTransport technology interface functionality, including the SERDES and DPA, is the same as Stratix II devices. Table 8–9 shows the maximum differential channel supported by each HardCopy II and Stratix II companion pair. EP2S180 HC230 (3) 1,020-pin FineLine BGA 36 18 8 4 EP2S180 HC240 1,020-pin FineLine BGA 36 18 8 4 EP2S180 HC240 1,508-pin FineLine BGA 36 18 8 4 Notes to Table 8–8: (1) The DQ and DQS numbers are preliminary. (2) HardCopy II devices HC210 and HC220 support memory interface in the top I/O banks only. Unlike their Stratix II companions, these devices cannot support DIMMs. (3) Similar to their Stratix II companions, these device and package combinations can support two 64- or 72-bit DIMMs in ×4 and ×8/×9 modes. Table 8–8. DQ and DQS Bus Mode support for Stratix II and HardCopy II Companion Devices (Part 2 of 2) Note (1) Stratix II and HardCopy II Companion Devices Package Number of ×4 Groups Number of ×8/×9 Groups Number of ×16/×18 Groups Number of ×32/×36 Groups Table 8–9. Differential Channels with Stratix II and HardCopy II Companion Devices (Part 1 of 2) Note (1) Stratix II and HardCopy II Companion Devices Package Transmitters Receivers EP2S30 HC210 (2) 484-pin FineLine BGA 19 21 EP2S60 HC210 (2) 484-pin FineLine BGA 19 21 EP2S90 HC210 (2) 484-pin FineLine BGA 19 21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |