| Electronic Components Datasheet Search |
|
HC240 Datasheet(PDF) 219 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC240 Datasheet(HTML) 219 Page - Altera Corporation |
|
219 / 228 page ![]() Altera Corporation 8–31 September 2008 Preliminary Stratix II ALM Adaptation into HardCopy II Logic Table 8–19 lists the clock resources available in HardCopy II devices. Stratix II ALM Adaptation into HardCopy II Logic The basic logic building block in the Stratix II architecture is the ALM. Each ALM contains a variety of look-up table- (LUT-) based resources, two programmable registers, two dedicated full adders, and various routing resources to and from the ALM. HardCopy II devices do not have ALM blocks, but use a fine-grain architecture called HCells. HCells can implement all combinations of Stratix II ALM and DSP logic. Each HardCopy II companion device contains an abundance of HCells to implement a Stratix II design utilizing all available ALMs. Therefore, there are no compatibility constraints when compiling for HardCopy II devices. When compiling a Stratix II design into a HardCopy II companion device, the Quartus II software replaces ALM blocks used in Stratix II with predefined HCell macros. Unused ALM resources are not implemented in HardCopy II devices. This allows for optimal placement of the HardCopy II floor plan and significant power savings. Figure 8–6 shows an example of a Stratix II ALM block implementation using only one of the registers. When compiling this Stratix II design for a HardCopy II companion device, the Quartus II compiler replaces the Table 8–19. Clock Network Resources and Features Available in HardCopy II Devices Resources and Features Availability Number of global clock networks 16 Number of regional clock networks 32 Global clock input sources Clock input pins, PLL outputs, logic array Regional clock input sources Clock input pins, PLL outputs, logic array Number of unique clock sources in a quadrant 24 (16 global clocks and 8 regional clocks) Number of unique clock sources in the entire device 48 (16 global clocks and 32 regional clocks) Power-down mode Global and regional clock networks, dual-regional clock region Clocking regions for high fan-out applications Quadrant region, dual-regional, entire device via global or regional clock networks |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |