Electronic Components Datasheet Search
  English  ▼

X  

TMS320 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320 Datasheet HTML 1Page - Texas Instruments TMS320 Datasheet HTML 2Page - Texas Instruments TMS320 Datasheet HTML 3Page - Texas Instruments TMS320 Datasheet HTML 4Page - Texas Instruments TMS320 Datasheet HTML 5Page - Texas Instruments TMS320 Datasheet HTML 6Page - Texas Instruments TMS320 Datasheet HTML 7Page - Texas Instruments TMS320 Datasheet HTML 8Page - Texas Instruments TMS320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
DEVICE
RAM
ROM/EPROM PROG DATA
TIMER
CYCLE
TIME
(ns)
TYP
POWER
(mW)
PACKAGE
TYPE
I/O†
TMS320 SECOND-GENERATION
DEVICES
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
5
Table 1 provides an overview of the second-generation TMS320 processors with comparisons of memory, I/O,
cycle timing, power, package type, technology, and military support. For specific availability, contact the nearest
TI Field Sales Office.
Table 1. TMS320 Second-Generation Device Overview
MEMORY
ON-CHIP
OFF-CHIP
SER
PAR
DMA
PGA
PLCC
CER-QUAD
TMS32020‡
(NMOS)
544
—
64K
64K
YES
16
× 16
YES
YES
200
1250
68
—
—
TMS320C25‡
(CMOS)
544
4K
64K
64K
YES
16
× 16
CON
YES
100
500
68
68
—
TMS320C25-50§
(CMOS)
544
4K
64K
64K
YES
16
× 16
CON
YES
80
500
—
68
—
TMS320E25§
(CMOS)
544
4K
64K
64K
YES
16
× 16
CON
YES
100
500
—
—
68
† SER = serial; PAR = parallel; DMA = direct memory access; CON = concurrent DMA.
‡ Military version available; contact nearest TI Field Sales Office for availability.
§ Military version planned; contact nearest TI Field Sales Office for details.
architecture
The TMS320 family utilizes a modified Harvard architecture for speed and flexibility. In a strict Harvard
architecture, program and data memory lie in two separate spaces, permitting a full overlap of instruction fetch
and execution. The TMS320 family’s modification of the Harvard architecture allows transfers between program
and data spaces, thereby increasing the flexibility of the device. This modification permits coefficients stored
in program memory to be read into the RAM, eliminating the need for a separate coefficient ROM. It also makes
available immediate instructions and subroutines based on computed values.
Increased throughput on the TMS320C2x devices for many DSP applications is accomplished by means of
single-cycle multiply/accumulate instructions with a data move option, up to eight auxiliary registers with a
dedicated arithmetic unit, and faster I/O necessary for data-intensive signal processing.
The architectural design of the TMS320C2x emphasizes overall speed, communication, and flexibility in
processor configuration. Control signals and instructions provide floating-point support, block-memory
transfers, communication to slower off-chip devices, and multiprocessing implementations.
32-bit ALU/accumulator
The 32-bit Arithmetic Logic Unit (ALU) and accumulator perform a wide range of arithmetic and logical
instructions, the majority of which execute in a single clock cycle. The ALU executes a variety of branch
instructions dependent on the status of the ALU or a single bit in a word. These instructions provide the following
capabilities:
• Branch to an address specified by the accumulator
• Normalize fixed-point numbers contained in the accumulator
• Test a specified bit of a word in data memory
One input to the ALU is always provided from the accumulator, and the other input may be provided from the
Product Register (PR) of the multiplier or the input scaling shifter which has fetched data from the RAM on the
data bus. After the ALU has performed the arithmetic or logical operations, the result is stored in the accumulator.
The 32-bit accumulator is split into two 16-bit segments for storage in data memory. Additional shifters at the
output of the accumulator perform shifts while the data is being transferred to the data bus for storage. The
contents of the accumulator remain unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com