Electronic Components Datasheet Search
  English  ▼

X  

TMS320 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 10Page - Texas Instruments TMS320 Datasheet HTML 11Page - Texas Instruments TMS320 Datasheet HTML 12Page - Texas Instruments TMS320 Datasheet HTML 13Page - Texas Instruments TMS320 Datasheet HTML 14Page - Texas Instruments TMS320 Datasheet HTML 15Page - Texas Instruments TMS320 Datasheet HTML 16Page - Texas Instruments TMS320 Datasheet HTML 17Page - Texas Instruments TMS320 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
NO.
WORDS
DESCRIPTION
INSTRUCTION BIT CODE
MNEMONIC
D
D
D
D
D
D
D
D
D
D
D
D
D
D
D
D
PM
K
TMS320C25
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
14
Table 3. TMS320C25 Instruction Set Summary (continued)
T REGISTER, P REGISTER, AND MULTIPLY INSTRUCTIONS
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
APAC
Add P register to accumulator
1
1
1
0
0
1
1
1
0
0
0
0
1
0
1
0
1
LPH†
Load high P register
1
0
10
100
1
1
I
LT
Load T register
1
0
01
111
0
0
I
LTA
Load T register and accumulate previous product
1
0
01
111
0
1
I
LTD
Load T register, accumulate previous product,
and move data
1
0
01
111
1
1
I
LTP†
Load T register and store P register in
accumulator
1
0
01
111
1
0
I
LTS†
Load T register and subtract previous product
1
0
10
110
1
1
I
MAC†
Multiply and accumulate
2
0
10
111
0
1
I
MACD†
Multiply and accumulate with data move
2
0
10
111
0
0
I
MPY
Multiply (with T register, store product in
P register)
1
0
01
110
0
0
I
MPYA‡
Multiply and accumulate previous product
1
0
01
110
1
0
I
MPYK
Multiply immediate
1
1
01
MPYS‡
Multiply and subtract previous product
1
0
01
110
1
1
I
MPYU‡
Multiply unsigned
1
1
10
011
1
1
I
PAC
Load accumulator with P register
1
1
10
011
1
0
0
0
0
1
0
1
0
0
SPAC
Subtract P register from accumulator
1
1
10
011
1
0
0
0
0
1
0
1
1
0
SPH‡
Store high P register
1
0
11
111
0
1
I
SPL‡
Store low P register
1
0
11
111
0
0
I
SPM†
Set P register output shift mode
1
1
10
011
1
0
0
0
0
0
1
0
SQRA†
Square and accumulate
1
0
01
110
0
1
I
SQRS†
Square and subtract previous product
1
0
1
0
1
1
0
1
0
I
† These instructions are not included in the TMS320C1x instruction set.
‡ These instructions are not included in the TMS32020 instruction set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com