Electronic Components Datasheet Search
  English  ▼

X  

TMS320 Datasheet(PDF) 59 Page - Texas Instruments

Part # TMS320
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 55Page - Texas Instruments TMS320 Datasheet HTML 56Page - Texas Instruments TMS320 Datasheet HTML 57Page - Texas Instruments TMS320 Datasheet HTML 58Page - Texas Instruments TMS320 Datasheet HTML 59Page - Texas Instruments TMS320 Datasheet HTML 60Page - Texas Instruments TMS320 Datasheet HTML 61Page - Texas Instruments TMS320 Datasheet HTML 62Page - Texas Instruments TMS320 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
Pin Nomenclature (TMS320E25)
TMS320E25
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
59
Figure 9 shows the wiring conversion to program the TMS320E25 using the 28-pin pinout of the TMS27C64.
The pin nomenclature table provides a description of the TMS27C64 pins. The code to be programmed into the
device should be serial mode. The TMS320E25 uses 13 address lines to address the 4K-word memory in byte
format.
10
11
12
13
14
15
16
17
18
19
20
21
22
23
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
98
765432
1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
PGM
EPT
A8
A9
A11
G
A10
E
Q8
Q7
Q6
Q5
Q4
TMS320E25
68-Pin (FZ)
8
D7
D6
D5
D4
D3
D2
D1
D0
E
24
25
26
EPT
VPP
A0
CLKIN
TMS27C64
SIGNALS
I/O
DEFINITION
A12 (MSB) - A0 (LSB)
CLIN
E
EPT
G
GND
PGM
Q8 (MSB) - Q1 (LSB)
RS
VCC
VPP
I
I
I
I
I
I
I
I/O
I
I
I
On-chip EPROM programming address lines
Clock oscillator input
EPROM chip select
EPROM test mode select
EPROM read/verify select
Ground
EPROM write/program select
Data lines for byte-wide programming of on-chip 8K bytes of EPROM
Reset for initializing the device
5-V power supply
12.5-V power supply
Figure 9. TMS320E25 EPROM Conversion to TMS27C64 EPROM Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com