Electronic Components Datasheet Search
  English  ▼

X  

TMS320 Datasheet(PDF) 58 Page - Texas Instruments

Part # TMS320
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 54Page - Texas Instruments TMS320 Datasheet HTML 55Page - Texas Instruments TMS320 Datasheet HTML 56Page - Texas Instruments TMS320 Datasheet HTML 57Page - Texas Instruments TMS320 Datasheet HTML 58Page - Texas Instruments TMS320 Datasheet HTML 59Page - Texas Instruments TMS320 Datasheet HTML 60Page - Texas Instruments TMS320 Datasheet HTML 61Page - Texas Instruments TMS320 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 69 page
background image
TMS320E25
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
58
programming the TMS320E25 EPROM cell
The TMS320E25 includes a 4K
× 16-bit EPROM, implemented from an industry-standard EPROM cell, to
perform prototyping and early field testing and to achieve low-volume production. When used with a 4K-word
masked-ROM TMS320C25, the TMS320E25 yields a high-volume, low-cost production as a result of more
migration paths for data. An EPROM adapter socket (part # TMDX3270120), shown in Figure 8, is available to
provide 68-pin to 28-pin conversion for programming the TMS320E25.
Figure 8. EPROM Adapter Socket
Key features of the EPROM cell include standard programming and verification. For security against copyright
violations, the EPROM cell features an internal protection mechanism to prevent proprietary code from being
read. The protection feature can be used to protect reading the EPROM contents. This section describes
erasure, fast programming and verification, and EPROM protection and verification.
fast programming and verification
The TMS320E25 EPROM cell is programmed using the same family and device codes as the TMS27C64
8K
× 8-bit EPROM. The TMS27C64 EPROM series are ultraviolet-light erasable, electrically programmable
read-only memories, fabricated using HVCMOS technology. The TMS27C64 is pin-compatible with existing
28-pin ROMs and EPROMs. The TMS320E25, like the TMS27C64, operates from a single 5-V supply in the
read mode; however, a 12.5-V supply is needed for programming. All programming signals are TTL level. For
programming outside the system, existing EPROM programmers can be used. Locations may be programmed
singly, in blocks, or at random. When programmed in blocks, the data is loaded into the EPROM cell one byte
at a time, the high byte first and the low byte second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com