Electronic Components Datasheet Search
  English  ▼

X  

TMS320 Datasheet(PDF) 54 Page - Texas Instruments

Part # TMS320
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 50Page - Texas Instruments TMS320 Datasheet HTML 51Page - Texas Instruments TMS320 Datasheet HTML 52Page - Texas Instruments TMS320 Datasheet HTML 53Page - Texas Instruments TMS320 Datasheet HTML 54Page - Texas Instruments TMS320 Datasheet HTML 55Page - Texas Instruments TMS320 Datasheet HTML 56Page - Texas Instruments TMS320 Datasheet HTML 57Page - Texas Instruments TMS320 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 69 page
background image
TMS320 SECOND-GENERATION
DEVICES
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
54
TYPICAL SUPPLY CURRENT CHARACTERISTICS FOR TMS320C25
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
10
20
4
8
12 16 20 24 28 32 36 40 44 48 52
TA = 25°C
ICC vs f(CLKIN) and VCC
Normal Operating Mode
f(CLKIN), MHz
VCC = 5.50 V
VCC = 5.25 V
VCC = 5.00 V
VCC = 4.75 V
VCC = 4.50 V
0
80
70
60
50
40
30
10
20
4
8
12 16 20 24 28 32 36 40 44 48 52
ICC vs f(CLKIN) and VCC
Powerdown Mode
f(CLKIN), MHz
VCC = 5.50 V
VCC = 5.25 V
VCC = 5.00 V
VCC = 4.75 V
VCC = 4.50 V
TMS320C25FNL (PLCC) reflow soldering precautions
Recent tests have identified an industry-wide problem experienced by surface mounted devices exposed to
reflow soldering temperatures. This problem involves a package cracking phenomenon sometimes
experienced by large (e.g., 68-lead) plastic leaded chip carrier (PLCC) packages during surface mount
manufacturing. This phenomenon occur if the TMS320C25FNL is exposed to uncontrolled levels of humidity
prior to reflow solder. This moisture can flash to steam during solder reflow, causing sufficient stress to crack
the package and compromise device integrity. If the TMS320C25FNL is being socketed,
no special handling
precautions are required. In addition, once the device is soldered into the board,
no special handling precautions
are required.
In order to minimize moisture absorption, TI ships the TMS320C25FNL in “dry pack” shipping bags with a RH
indicator card and moisture-absorbing desiccant. These moisture-barrier shipping bags will adequately block
moisture transmission to allow shelf storage for 12 months from date of seal when stored at less than 60%
relative humidity (RH) and less than 30
°C. Devices may be stored outside the sealed bags indefinitely if stored
at less than 25% RH and 30
°C.
Once the bag seal is broken, the devices should be stored at less than 60% RH and 30
°C as well as reflow
soldered within two days of removal. In the event that either of the above conditions is not met, TI recommends
these devices be baked in a clean oven at 125
°C and 10% maximum RH for 24 hours. This restores the devices
to their “dry packed” moisture level.
NOTE
Shipping tubes will not withstand the 125
°C baking process. Devices should be transferred to a metal tray or tube be-
fore baking. Standard ESD precautions should be followed.
In addition, TI recommends that the reflow process not exceed two solder cycles and the temperature not
exceed 220
°C.
If you have any additional questions or concerns, please contact your local TI representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com