Electronic Components Datasheet Search
  English  ▼

X  

TMS320 Datasheet(PDF) 61 Page - Texas Instruments

Part # TMS320
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 57Page - Texas Instruments TMS320 Datasheet HTML 58Page - Texas Instruments TMS320 Datasheet HTML 59Page - Texas Instruments TMS320 Datasheet HTML 60Page - Texas Instruments TMS320 Datasheet HTML 61Page - Texas Instruments TMS320 Datasheet HTML 62Page - Texas Instruments TMS320 Datasheet HTML 63Page - Texas Instruments TMS320 Datasheet HTML 64Page - Texas Instruments TMS320 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 69 page
background image
TMS320E25
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
61
program verify
Programmed bits may be verified with VPP = 12.5 V when G = VIL, E = VIL, and PGM = VIH. Figure 11 shows
the timing for the program and verify operation.
Start
Address = First
Location
VCC = 6 ± 0.25 V
VPP = 12.5 V ± 0.25
V
X = 0
Program One
1-ms Pulse
Verify
One
Byte
Program One
Pulse of
3X-ms Duration
Last
Address?
VCC = VPP = 5 V ± 0.25 V
Compare All
Bytes to Original
Data
Device
Passed
X = 25?
Device
Failed
Increment
Address
No
Yes
Fail
Pass
Yes
No
Fail
Pass
Increment X
Figure 10. Fast Programming Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com