Electronic Components Datasheet Search
  English  ▼

X  

TMS320 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS320
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320 Datasheet HTML 19Page - Texas Instruments TMS320 Datasheet HTML 20Page - Texas Instruments TMS320 Datasheet HTML 21Page - Texas Instruments TMS320 Datasheet HTML 22Page - Texas Instruments TMS320 Datasheet HTML 23Page - Texas Instruments TMS320 Datasheet HTML 24Page - Texas Instruments TMS320 Datasheet HTML 25Page - Texas Instruments TMS320 Datasheet HTML 26Page - Texas Instruments TMS320 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
TMS32020
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
23
timing requirements over recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
tc(C)
CLKIN cycle time
195
597
ns
tf(CI)
CLKIN fall time
10†
ns
tr(CI)
CLKIN rise time
10†
ns
tw(CIL)
CLKIN low pulse duration, tc(CI) = 50 ns (see Note 4)
40
ns
tw(CIH)
CLKIN high pulse duration, tc(CI) = 50 ns (see Note 4)
40
ns
tsu(S)
SYNC setup time before CLKIN low
10
Q – 10
ns
th(S)
SYNC hold time from CLKIN low
15
ns
† Value derived from characterization data and not tested.
NOTES: 3. Q = 1/4tc(C).
4. CLKIN duty cycle [tr(CI) + tw(CIH)] /tc(CI) must be within 40-60%.
CL = 100 pF
2.15 V
RL = 825 Ω
Test
Point
From Output
Under Test
Figure 3. Test Load Circuit
0.80 V
0.92 V
1.88 V
2.0 V
0
VIH (Min)
VIL (Max)
(a) Input
0.6 V
0.8 V
2.2 V
2.4 V
0
VOH (Min)
VOL (Max)
(b) Output
Figure 4. Voltage Reference Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com