Electronic Components Datasheet Search
  English  ▼

X  

TMS320C44 Datasheet(PDF) 40 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 34Page - Texas Instruments TMS320C44 Datasheet HTML 35Page - Texas Instruments TMS320C44 Datasheet HTML 36Page - Texas Instruments TMS320C44 Datasheet HTML 37Page - Texas Instruments TMS320C44 Datasheet HTML 38Page - Texas Instruments TMS320C44 Datasheet HTML 39Page - Texas Instruments TMS320C44 Datasheet HTML 40Page - Texas Instruments TMS320C44 Datasheet HTML 41Page - Texas Instruments TMS320C44 Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995
40
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timer-pin timing (see Note 15 and Figure 27)
NO.
MIN
MAX
UNIT
1
tsu(TCLK-H1L) Setup time, TCLKx before H1 low
10
ns
2
th(H1L-TCLK)
Hold time, TCLKx after H1 low
0
ns
3
td(H1H-TCLK)
Delay time, TCLKx valid after H1 high
13
ns
NOTE 15: Period and polarity are specified by contents of internal control registers.
3
3
TCLKx
H1
H3
1
2
Figure 27. Timer-Pin Timing Cycle
timing for IEEE-1149.1 test access port (see Figure 28)
NO
TMS320C44 - 50
TMS320C44 - 60
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
tsu(TMS - TCKH) Setup time, TMS / TDI to TCK high
10
10
ns
2
th(TCKH-TMS)
Hold time, TMS / TDI from TCK high
5
5
ns
3
td(TCKL - TDOV) Delay time, TCK low to TDO valid
0
15
0
12
ns
TCK
TMS/TDI
TDO
3
2
1
Figure 28. IEEE-1149.1 Test Access Port Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com