Electronic Components Datasheet Search
  English  ▼

X  

TMS320C44 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C44 Datasheet HTML 1Page - Texas Instruments TMS320C44 Datasheet HTML 2Page - Texas Instruments TMS320C44 Datasheet HTML 3Page - Texas Instruments TMS320C44 Datasheet HTML 4Page - Texas Instruments TMS320C44 Datasheet HTML 5Page - Texas Instruments TMS320C44 Datasheet HTML 6Page - Texas Instruments TMS320C44 Datasheet HTML 7Page - Texas Instruments TMS320C44 Datasheet HTML 8Page - Texas Instruments TMS320C44 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
PDB PACKAGE
( TOP VIEW )‡
‡ See Pin Assignments table and Pin Functions table for location
and description of all pins.
76
1
304
77
152
153
228
229
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Highest Performance Floating-Point Digital
Signal Processor (DSP)
– TMS320C44-60:
33-ns Instruction Cycle Time,
330 MOPS, 60 MFLOPS,
30 MIPS, 336M Bytes / s
– TMS320C44-50:
40-ns Instruction Cycle Time
D Four Communication Ports
D Six-Channel Direct Memory Address (DMA)
Coprocessor
D Single-Cycle Conversion to and From
IEEE-754 Floating-Point Format
D Single Cycle, 1/x, 1/√x
D Source-Code Compatible With ’320C3x and
’320C4x
D Single-Cycle 40-Bit Floating-Point,
32-Bit Integer Multipliers
D Twelve 40-Bit Registers, Eight Auxiliary
Registers, 14 Control Registers,
and Two Timers
D IEEE-1149.1† (JTAG) Boundary-Scan
Compatible
D Two Identical External Data and Address
Buses Supporting Shared Memory
Systems and High Data-Rate,
Single-Cycle Transfers
– High Port-Data Rate of 120M Bytes / s
(TMS320C44-60) (Each Bus)
– 128M-Byte Program / Data / Peripheral
Address Space
– Memory-Access Request for Fast,
Intelligent Bus Arbitration
– Separate Address-Bus, Data-Bus, and
Control-Enable Pins
– Four Sets of Memory-Control Signals
Support Different Speed Memories in
Hardware
D 304-Pin Plastic Quad Flatpack
(PDB Suffix)
D Fabricated Using 0.72-µm Enhanced
Performance Implanted CMOS (EPIC
™)
Technology by Texas Instruments (TI
™)
D Separate Internal Program-, Data-, and
DMA-Coprocessor Buses for Support of
Massive Concurrent I / O of Program and
Data, Thereby Maximizing Sustained CPU
Performance
D IDLE2 Clock-Stop Power-Down Mode
D Communication-Port-Direction Pin
D On-Chip Program Cache and
Dual-Access / Single-Cycle RAM for
Increased Memory-Access Performance
– 512-Byte Instruction Cache
– 8K Bytes of Single-Cycle Dual-Access
Program or Data RAM
– ROM-Based Boot Loader Supports
Program Bootup Using 8-, 16-, or 32-Bit
Memories or One of the Communication
Ports
D Software-Communication-Port Reset
D NMI With Bus-Grant Feature
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1995, Texas Instruments Incorporated
† IEEE Standard 1149.1–1990 Standard Test-Access Port and Boundary-Scan Architecture
EPIC and TI are trademarks of Texas Instruments Incorporated.


Similar Part No. - TMS320C44

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C44 TI-TMS320C44 Datasheet
575Kb / 52P
DIGITAL SIGNAL PROCESSOR
TMS320C44GFW50 TI-TMS320C44GFW50 Datasheet
575Kb / 52P
DIGITAL SIGNAL PROCESSOR
TMS320C44GFW60 TI-TMS320C44GFW60 Datasheet
575Kb / 52P
DIGITAL SIGNAL PROCESSOR
TMS320C44GFWA TI-TMS320C44GFWA Datasheet
575Kb / 52P
DIGITAL SIGNAL PROCESSOR
TMS320C44PDB50 TI-TMS320C44PDB50 Datasheet
575Kb / 52P
DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C44

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com