Electronic Components Datasheet Search
  English  ▼

X  

TMS320C44 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 21Page - Texas Instruments TMS320C44 Datasheet HTML 22Page - Texas Instruments TMS320C44 Datasheet HTML 23Page - Texas Instruments TMS320C44 Datasheet HTML 24Page - Texas Instruments TMS320C44 Datasheet HTML 25Page - Texas Instruments TMS320C44 Datasheet HTML 26Page - Texas Instruments TMS320C44 Datasheet HTML 27Page - Texas Instruments TMS320C44 Datasheet HTML 28Page - Texas Instruments TMS320C44 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995
25
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
(L)DE -, (L)AE-, and (L)CEx-enable timing (see Figure 12)
NO
TMS320C44- 50
TMS320C44- 60
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
td(DEH - DZ)
Delay time, (L)DE high to (L)D0 – (L)D31 in the high-impedance
state
0†
15‡
0†
15‡
ns
2
td(DEL - DV)
Delay time, (L)DE low to (L)D0 – (L)D31 valid
0†
21
0†
16
ns
3
td(AEH - AZ)
Delay time, (L)AE high to (L)A0 – (L)A23 in the high-impedance
state
0†
15‡
0†
15‡
ns
4
td(AEL - AV)
Delay time, (L)AE low to (L)A0 – (L)A23 valid
0†
18
0†
16
ns
5
td(CEH - RWZ)
Delay time, (L)CEx high to (L)R / W0, (L)R / W1 in the
high-impedance state
0†
15‡
0†
15‡
ns
6
td(CEL - RWV)
Delay time, (L)CEx low to (L)R / W0, (L)R / W1 valid
0†
21
0†
16
ns
7
td(CEH - SZ)
Delay time, (L)CEx high to (L)STRB0, (L)STRB1 in the
high-impedance state
0†
15‡
0†
15‡
ns
8
td(CEL - SV)
Delay time, (L)CEx low to (L)STRB0, (L)STRB1 valid
0†
21
0†
16
ns
9
td(CEH - PAGEZ)
Delay time, (L)CEx high to (L)PAGE0, (L)PAGE1 in the
high-impedance state
0†
15‡
0†
15‡
ns
10
td(CEL - PAGEV) Delay time, (L)CEx low to (L)PAGE0, (L)PAGE1 valid
0†
21
0†
16
ns
† This value is specified by design but not tested.
‡ This value is characterized but not tested.
(L)DE
(L)Dx
(L)AE
(L)Ax
(L)CEx
(L)R / Wx
(L)STRBx
(L)PAGEx
1
2
3
4
Hi-Z
5
6
Hi-Z
7
8
Hi-Z
9
10
Hi-Z
Hi-Z
Figure 12. (L)DE -, (L)AE -, and (L)CEx-Enable Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com