Electronic Components Datasheet Search
  English  ▼

X  

TMS320C44 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C44 Datasheet HTML 1Page - Texas Instruments TMS320C44 Datasheet HTML 2Page - Texas Instruments TMS320C44 Datasheet HTML 3Page - Texas Instruments TMS320C44 Datasheet HTML 4Page - Texas Instruments TMS320C44 Datasheet HTML 5Page - Texas Instruments TMS320C44 Datasheet HTML 6Page - Texas Instruments TMS320C44 Datasheet HTML 7Page - Texas Instruments TMS320C44 Datasheet HTML 8Page - Texas Instruments TMS320C44 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995
5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
SIGNAL NAME
NO. OF
PINS
TYPE†
DESCRIPTION
COMMUNICATION PORT 1 INTERFACE (13 pins)
C1D7 – C1D0
8
I/O
Communication port 1 data bus
CREQ1
1
I/O
Communication port 1 token-request signal
CACK1
1
I/O
Communication port 1 token-request-acknowledge signal
CSTRB1
1
I/O
Communication port 1 data-strobe signal
CRDY1
1
I/O
Communication port 1 data-ready signal
CDIR1
1
O
Communication port 1 direction signal
COMMUNICATION PORT 2 INTERFACE (13 pins)
C2D7 – C2D0
8
I/O
Communication port 2 data bus
CREQ2
1
I/O
Communication port 2 token-request signal
CACK2
1
I/O
Communication port 2 token-request-acknowledge signal
CSTRB2
1
I/O
Communication port 2 data-strobe signal
CRDY2
1
I/O
Communication port 2 data-ready signal
CDIR2
1
O
Communication port 2 direction signal
COMMUNICATION PORT 4 INTERFACE (13 pins)
C4D7 – C4D0
8
I/O
Communication port 4 data bus
CREQ4
1
I/O
Communication port 4 token-request signal
CACK4
1
I/O
Communication port 4 token-request-acknowledge signal
CSTRB4
1
I/O
Communication port 4 data-strobe signal
CRDY4
1
I/O
Communication port 4 data-ready signal
CDIR4
1
O
Communication port 4 direction signal
COMMUNICATION PORT 5 INTERFACE (13 pins)
C5D7 – C5D0
8
I/O
Communication port 5 data bus
CREQ5
1
I/O
Communication port 5 token-request signal
CACK5
1
I/O
Communication port 5 token-request-acknowledge signal
CSTRB5
1
I/O
Communication port 5 data-strobe signal
CRDY5
1
I/O
Communication port 5 data-ready signal
CDIR5
1
O
Communication port 5 direction signal
INTERRUPTS, I / O FLAGS, RESET, TIMER (12 pins)
IIOF3 – IIOF0
4
I/O
Interrupt and I / O flags
NMI
1
I
Nonmaskable interrupt. NMI is sensitive to a low-going edge.
IACK
1
O
Interrupt acknowledge
RESET
1
I
Reset signal
RESETLOC1
RESETLOC0
2
I
Reset-vector location
ROMEN
1
I
On-chip ROM enable (0 = disable, 1 = enable)
TCLK0
1
I/O
Timer 0
TCLK1
1
I/O
Timer 1
† I = input, O = output, Z = high impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com