Electronic Components Datasheet Search
  English  ▼

X  

TMS320C44 Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 34Page - Texas Instruments TMS320C44 Datasheet HTML 35Page - Texas Instruments TMS320C44 Datasheet HTML 36Page - Texas Instruments TMS320C44 Datasheet HTML 37Page - Texas Instruments TMS320C44 Datasheet HTML 38Page - Texas Instruments TMS320C44 Datasheet HTML 39Page - Texas Instruments TMS320C44 Datasheet HTML 40Page - Texas Instruments TMS320C44 Datasheet HTML 41Page - Texas Instruments TMS320C44 Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995
41
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MECHANICAL DATA
PDB (S-PQFP-G304)
PLASTIC QUAD FLATPACK (DIE-DOWN)
4040148 / B 10/94
153
0,27
0,17
152
0,13 NOM
0,25
0,75
0,50
0,25 MIN
Seating Plane
76
77
Gage Plane
Heat slug
228
229
SQ
SQ
39,80
40,20
42,80
42,40
37,50 TYP
1
304
4,00
4,50 MAX
3,60
0,08
0,50
M
0,08
0
°–7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Thermally enhanced molded plastic package with a heat slug (HSL)
D. Falls within JEDEC MO-143
Thermal Resistance Characteristics
Parameter
°C/W
Air Flow LFPM
Parameter
°C/W
Air Flow LFPM
R
ΘJC
0.8
N/ A
R
ΘJA
12.1
250
R
ΘJA
16.0
0
R
ΘJA
10.0
500
R
ΘJA
14.2
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com