Electronic Components Datasheet Search
  English  ▼

X  

TMS320F243FN Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320F243FN
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F243FN Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320F243FN Datasheet HTML 3Page - Texas Instruments TMS320F243FN Datasheet HTML 4Page - Texas Instruments TMS320F243FN Datasheet HTML 5Page - Texas Instruments TMS320F243FN Datasheet HTML 6Page - Texas Instruments TMS320F243FN Datasheet HTML 7Page - Texas Instruments TMS320F243FN Datasheet HTML 8Page - Texas Instruments TMS320F243FN Datasheet HTML 9Page - Texas Instruments TMS320F243FN Datasheet HTML 10Page - Texas Instruments TMS320F243FN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Terminal Functions - ’F243 PGE Package
NAME
144
QFP
TYPE†
RESET
STATE‡
DESCRIPTION
NO.
STATE‡
ANALOG-TO-DIGITAL CONVERTER (ADC) INPUTS
ADCIN00
10
ADCIN01
8
ADCIN02
6
ADCIN03
4
I
I
Analog inputs to the ADC
ADCIN04
3
I
I
Analog inputs to the ADC
ADCIN05
144
ADCIN06
143
ADCIN07
139
VCCA
137
–
–
Analog supply voltage for ADC (5 V). VCCA must be isolated from
digital supply voltage.
VSSA
135
–
–
Analog ground reference for ADC
VREFHI
141
–
–
ADC analog high-voltage reference input
VREFLO
142
–
–
ADC analog low-voltage reference input
EVENT MANAGER
T1PWM/T1CMP/
IOPB4
130
I/O/Z
I
Timer 1 compare output/general-purpose bidirectional digital I/O
(GPIO).
T2PWM/T2CMP/
IOPB5
128
I/O/Z
I
Timer 2 compare output/GPIO
TDIR/
IOPB6
85
I/O
I
Counting direction for general-purpose (GP) timer/GPIO. If TDIR=1,
upward counting is selected. If TDIR=0, downward counting is
selected.
TCLKIN/
IOPB7
87
I/O
I
External clock input for GP timer/GPIO. Note that timer can also use
the internal device clock.
CAP1/QEP0/
IOPA3
123
I/O
I
Capture input #1/quadrature encoder pulse input #0/GPIO
CAP2/QEP1/
IOPA4
121
I/O
I
Capture input #2/quadrature encoder pulse input #1/GPIO
CAP3/
IOPA5
119
I/O
I
Capture input #3/GPIO
PWM1/
IOPA6
102
I/O/Z
I
Compare/PWM output pin #1 or GPIO
PWM2/
IOPA7
100
I/O/Z
I
Compare/PWM output pin #2 or GPIO
PWM3/
IOPB0
98
I/O/Z
I
Compare/PWM output pin #3 or GPIO
PWM4/
IOPB1
96
I/O/Z
I
Compare/PWM output pin #4 or GPIO
PWM5/
IOPB2
94
I/O/Z
I
Compare/PWM output pin #5 or GPIO
PWM6/
IOPB3
91
I/O/Z
I
Compare/PWM output pin #6 or GPIO
PDPINT§
89
I
I
Power drive protection interrupt input. This interrupt, when activated,
puts the PWM output pins in the high-impedance state should motor
drive/power converter abnormalities, such as overvoltage or
overcurrent, etc., arise. PDPINT is a falling-edge-sensitive interrupt.
After the falling edge, this pin must be held low for two clock cycles
for the core to recognize the interrupt.
† I = input, O = output, Z = high impedance
‡ The reset state indicates the state of the pin at reset. If the pin is an input, indicated by an I, its state is determined by user design. If the pin is
an output, its level at reset is indicated.
§ In silicon revisions 2.0-TMX and 2.1-TMS, this pin is level-sensitive and can cause multiple interrupts when held low.
¶ Data is in output mode when AVIS is enabled. At reset, the device comes up with AVIS mode enabled. The data bus is in output mode while AVIS
is enabled.
NOTE:
Bold, italicized pin names indicate pin function after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com