Electronic Components Datasheet Search
  English  ▼

X  

TMS320F243FN Datasheet(PDF) 17 Page - Texas Instruments

Part # TMS320F243FN
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F243FN Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS320F243FN Datasheet HTML 13Page - Texas Instruments TMS320F243FN Datasheet HTML 14Page - Texas Instruments TMS320F243FN Datasheet HTML 15Page - Texas Instruments TMS320F243FN Datasheet HTML 16Page - Texas Instruments TMS320F243FN Datasheet HTML 17Page - Texas Instruments TMS320F243FN Datasheet HTML 18Page - Texas Instruments TMS320F243FN Datasheet HTML 19Page - Texas Instruments TMS320F243FN Datasheet HTML 20Page - Texas Instruments TMS320F243FN Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
17
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
functional block diagram of the ’24x DSP controller
2
4
8
PDPINT
3
2
8
7
Quadrature
Encoder
Pulse (QEP)
Capture/
Units
Compare
Timers
Purpose
General-
Manager
Event
Emulation
Test/
Peripheral Bus
Timer
Watchdog
Interface
Communications
Serial-
Interface
Peripheral
Serial-
Converter
to-Digital
Analog-
Single 10-Bit
Data Bus
2
Module
Clock
Program Bus
B1/B2
DARAM
B0
DARAM
Flash
EEPROM
Initialization
Interrupts
Control
Memory†
Controller
Program
CPU
’C2xx
Shifter
Product
PREG
TREG
Multiplier
Shifter
Output
Accumulator
ALU
Shifter
Input
Registers
Mapped
Memory
Registers
Auxiliary
Registers
Control
Status/
ARAU
Register
Instruction
32‡
4
Interrupts
Resets
General-
Purpose
I/O Pins
2
CAN Module
16
16
† ’F243 only
‡ 26 in ’F241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com