Electronic Components Datasheet Search
  English  ▼

X  

TMS320F243FN Datasheet(PDF) 98 Page - Texas Instruments

Part # TMS320F243FN
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F243FN Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS320F243FN Datasheet HTML 94Page - Texas Instruments TMS320F243FN Datasheet HTML 95Page - Texas Instruments TMS320F243FN Datasheet HTML 96Page - Texas Instruments TMS320F243FN Datasheet HTML 97Page - Texas Instruments TMS320F243FN Datasheet HTML 98Page - Texas Instruments TMS320F243FN Datasheet HTML 99Page - Texas Instruments TMS320F243FN Datasheet HTML 100Page - Texas Instruments TMS320F243FN Datasheet HTML 101Page - Texas Instruments TMS320F243FN Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
98
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
external memory interface
ready-on-read timings
switching characteristics over recommended operating conditions for an external memory
interface ready-on-read (see Figure 40)
PARAMETER
MIN
MAX
UNIT
td(COL–A)RD
Delay time, CLKOUT low to address valid
5
ns
timing requirements for an external memory interface ready-on-read (see Figure 40)
MIN
MAX
UNIT
th(RDY)COH
Hold time, READY after CLKOUT high
–5
ns
tsu(D)RD
Setup time, read data before RD strobe inactive high
12
ns
tv(RDY)ARD
Valid time, READY after address valid on read
4
ns
tsu(RDY)COH
Setup time, READY before CLKOUT high
17
ns
th(RDY)COH
CLKOUT
PS, DS, IS, BR
RD
D[0:15]
STRB
A[0:15]
td(COL–A)RD
tv(RDY)ARD
tsu(RDY)COH
READY
Wait Cycle
tsu(D)RD
Figure 40. Ready-on-Read Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com