Electronic Components Datasheet Search
  English  ▼

X  

TMS320F243FN Datasheet(PDF) 74 Page - Texas Instruments

Part # TMS320F243FN
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F243FN Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320F243FN Datasheet HTML 70Page - Texas Instruments TMS320F243FN Datasheet HTML 71Page - Texas Instruments TMS320F243FN Datasheet HTML 72Page - Texas Instruments TMS320F243FN Datasheet HTML 73Page - Texas Instruments TMS320F243FN Datasheet HTML 74Page - Texas Instruments TMS320F243FN Datasheet HTML 75Page - Texas Instruments TMS320F243FN Datasheet HTML 76Page - Texas Instruments TMS320F243FN Datasheet HTML 77Page - Texas Instruments TMS320F243FN Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
74
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
recommended operating conditions§
MIN
NOM
MAX
UNIT
VDD
Supply voltage
4.5
5
5.5
V
VSS
Supply ground
0
V
XTAL1/CLKIN
3
VDD +0 3
VIH
High-level input voltage
XTAL1/CLKIN
3
VDD + 0.3
V
VIH
High-level in ut voltage
All other inputs
2
VDD + 0.3
V
XTAL1/CLKIN
03
07
VIL
Low-level input voltage
XTAL1/CLKIN
– 0.3
0.7
V
VIL
Low-level in ut voltage
All other inputs
– 0.3
0.7
V
IOH
High-level output current VOH =2 4V
All outputs
8
mA
IOH
High-level out ut current, VOH = 2.4 V
All out uts
8
mA
IOL
Low-level output current VOL =0 7V
All outputs
8
mA
IOL
Low-level out ut current, VOL = 0.7 V
All out uts
8
mA
L version
0
70
TA
Operating free-air temperature
A version
–40
85
°C
S version
–40
125
TFP
Flash programming on flash devices, temperature
–40
85
°C
§ Thermal resistance values,
ΘJA (junction-to-ambient) and ΘJC (junction-to-case) for the ’F243/’F241 can be found on the mechanical package
pages.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
5-V operation, IOH = MAX = 8 mA
2.4
V
VOL
Low-level output voltage
5-V operation, IOL = MAX = 8 mA
0.7
V
TRST pins with internal pulldown
350
II
Input current (VI = VSS or VDD)
EMU0, EMU1, TMS, TCK, and TDI
with internal pullup
–3 50
65
µA
All other input-only pins
–5
5
IOZ
Output current, high-impedance state
(off-state)
VO = VDD or 0 V
–5
5
µA
Supply current operating mode
5V operation t (CO) =50ns
’243
120
mA
Supply current, operating mode
5-V operation, tc(CO) = 50 ns
’241
90
mA
IDD
Supply current, Idle 1 low-power mode
LPM0
5-V operation, tc(CO) = 50 ns
40
mA
IDD
Supply current, Idle 2 low-power mode
LPM1
5-V operation, tc(CO) = 50 ns
30
mA
Supply current, PLL/OSC power-down
mode
LPM2
5-V operation, at room temperature
10
µA
Ci
Input capacitance
15
pF
Co
Output capacitance
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com