Electronic Components Datasheet Search
  English  ▼

X  

TMS320F243FN Datasheet(PDF) 96 Page - Texas Instruments

Part # TMS320F243FN
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F243FN Datasheet(HTML) 96 Page - Texas Instruments

Back Button TMS320F243FN Datasheet HTML 92Page - Texas Instruments TMS320F243FN Datasheet HTML 93Page - Texas Instruments TMS320F243FN Datasheet HTML 94Page - Texas Instruments TMS320F243FN Datasheet HTML 95Page - Texas Instruments TMS320F243FN Datasheet HTML 96Page - Texas Instruments TMS320F243FN Datasheet HTML 97Page - Texas Instruments TMS320F243FN Datasheet HTML 98Page - Texas Instruments TMS320F243FN Datasheet HTML 99Page - Texas Instruments TMS320F243FN Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
96
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
external memory interface
write timings
switching characteristics over recommended operating conditions for an external memory
interface write [H = 0.5tc(CO)] (see Figure 39)
PARAMETER
MIN
MAX
UNIT
td(COH–CNTL)
Delay time, CLKOUT high to control valid
9
ns
td(COH–CNTH) Delay time, CLKOUT high to control inactive
9
ns
td(COH–A)W
Delay time, CLKOUT high to address valid
11
ns
td(COH–RWL)
Delay time, CLKOUT high to R/W low
6
ns
td(COH–RWH)
Delay time, CLKOUT high to R/W high
6
ns
td(COL–WL)
Delay time, CLKOUT low to WE strobe active low
–4
0
ns
td(COL–WH)
Delay time, CLKOUT low to WE strobe inactive high
–4
0
ns
ten(D)COL
Enable time, data bus driven from CLKOUT low
7
ns
td(COL–SL)
Delay time, CLKOUT low to STRB active low
3
ns
td(COL–SH)
Delay time, CLKOUT low to STRB inactive high
3
ns
th(A)COHW
Hold time, address valid after CLKOUT high
H–1
ns
tsu(A)W
Setup time, address valid before WE strobe active low
H–9
ns
tsu(D)W
Setup time, write data before WE strobe inactive high
2H–1
ns
th(D)W
Hold time, write data after WE strobe inactive high
3
ns
tdis(W-D)
Disable time, data bus high impedance from WE high
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com